Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7307QPBF Arkusz danych(PDF) 9 Page - International Rectifier

Numer części IRF7307QPBF
Szczegółowy opis  HEXFETPOWERMOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7307QPBF Arkusz danych(HTML) 9 Page - International Rectifier

Back Button IRF7307QPBF_10 Datasheet HTML 2Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 3Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 4Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 5Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 6Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 7Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 8Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 9Page - International Rectifier IRF7307QPBF_10 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRF7307QPbF
www.irf.com
9
SO-8 Package Outline
Dimensions are shown in millimeters (inches)
SO-8 Part Marking
e1
D
E
y
b
A
A1
H
K
L
.189
.1497
.013
.050 BASIC
.0532
.0040
.2284
.0099
.016
.1968
.1574
.020
.0688
.0098
.2440
.0196
.050
4.80
3.80
0.33
1.35
0.10
5.80
0.25
0.40
1.27 BASIC
5.00
4.00
0.51
1.75
0.25
6.20
0.50
1.27
MIN
MAX
MILLIMETERS
INCHES
MIN
MAX
DIM
e
c
.0075
.0098
0.19
0.25
.025 BASIC
0.635 BASIC
87
5
65
D
B
E
A
e
6X
H
0.25 [.010]
A
6
7
K x 45°
8X L
8X c
y
0.25 [.010]
C A B
e1
A
A1
8X b
C
0.10 [.004]
4
3
12
FOOTPRINT
8X 0.72 [.028]
6.46 [.255]
3X 1.27 [.050]
4. OUTLINE CONFORMS TO JEDEC OUTLINE MS-012AA.
NOT ES:
1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994.
2. CONT ROLLING DIMENSION: MILLIMET ER
3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES].
5 DIMENSION DOES NOT INCLUDE MOLD PROT RUSIONS.
6 DIMENSION DOES NOT INCLUDE MOLD PROT RUSIONS.
MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010].
7 DIMENSION IS T HE LENGT H OF LEAD FOR SOLDERING TO
ASUBST RAT E.
MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006].
8X 1.78 [.070]
DATE CODE (YWW)
XXXX
INTERNATIONAL
RECTIFIER
LOGO
F7101
Y = LAST DIGIT OF THE YEAR
PART NUMBER
LOT CODE
WW = WEEK
EXAMPLE: THIS IS AN IRF7101 (MOSFET)
P = DESIGNATES LEAD-FREE
PRODUCT (OPTIONAL)
A = ASS EMBLY SITE CODE
Notes:
1. For an Automotive Qualified version of this part please see
http://www.irf.com/product-info/auto/
2. For the most current drawing please refer to IR website athttp://www.irf.com/package/


Podobny numer części - IRF7307QPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7307QPBF IRF-IRF7307QPBF Datasheet
302Kb / 10P
   HEXFET Power MOSFET
More results

Podobny opis - IRF7307QPBF_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF9952QPBF IRF-IRF9952QPBF_10 Datasheet
269Kb / 10P
   HEXFETPOWERMOSFET
IRF7306QPBF IRF-IRF7306QPBF_10 Datasheet
247Kb / 9P
   HEXFETPOWERMOSFET
IRF7105QPBF IRF-IRF7105QPBF_10 Datasheet
316Kb / 10P
   HEXFETPOWERMOSFET
IRF7413QPBF IRF-IRF7413QPBF_10 Datasheet
243Kb / 9P
   HEXFETPOWERMOSFET
IRF7304PBF IRF-IRF7304PBF_10 Datasheet
248Kb / 9P
   HEXFETPOWERMOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com