Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVTH373WM Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części 74LVTH373WM
Szczegółowy opis  Low Voltage Octal Transparent Latch with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH373WM Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  74LVTH373WM Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH373WM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVT373, 74LVTH373 Rev. 1.5.0
February 2008
74LVT373, 74LVTH373
Low Voltage Octal Transparent Latch with 3-STATE Outputs
Features
Input and output interface capability to systems at
5V VCC
Bushold data inputs eliminate the need for external
pull-up resistors to hold unused inputs (74LVTH373),
also available without bushold feature (74LVT373)
Live insertion/extraction permitted
Power Up/Down high impedance provides glitch-free
bus loading
Outputs source/sink –32 mA/+64 mA
Functionally compatible with the 74 series 373
ESD performance:
– Human-body model
> 2000V
– Machine model
> 200V
– Charged-device model
> 1000V
General Description
The LVT373 and LVTH373 consist of eight latches with
3-STATE outputs for bus organized system applications.
The latches appear transparent to the data when Latch
Enable (LE) is HIGH. When LE is LOW, the data satisfy-
ing the input timing requirements is latched. Data
appears on the bus when the Output Enable (OE) is
LOW. When OE is HIGH, the bus output is in a high
impedance state.
The LVTH373 data inputs include bushold, eliminating
the need for external pull-up resistors to hold unused
inputs.
These octal latches are designed for low-voltage (3.3V)
VCC applications, but with the capability to provide a TTL
interface to a 5V environment. The LVT373 and
LVTH373 are fabricated with an advanced BiCMOS
technology to achieve high speed operation similar to 5V
ABT while maintaining low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order Number
Package
Number
Package Description
74LVT373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVT373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVT373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
74LVTH373WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LVTH373SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LVTH373MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide


Podobny numer części - 74LVTH373WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVTH373WM FAIRCHILD-74LVTH373WM Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVTH373WM ONSEMI-74LVTH373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373WM ONSEMI-74LVTH373WM Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
More results

Podobny opis - 74LVTH373WM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74LVT573 FAIRCHILD-74LVT573 Datasheet
107Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVX373 FAIRCHILD-74LVX373 Datasheet
80Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
74LVT373 FAIRCHILD-74LVT373 Datasheet
105Kb / 8P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVX373 ONSEMI-74LVX373 Datasheet
198Kb / 9P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
Revised April 2005
logo
Fairchild Semiconductor
74LVQ373 FAIRCHILD-74LVQ373 Datasheet
70Kb / 7P
   Low Voltage Octal Transparent Latch with 3-STATE Outputs
logo
ON Semiconductor
74LVT373 ONSEMI-74LVT373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
74LVTH373 ONSEMI-74LVTH373 Datasheet
306Kb / 12P
   Low Voltage Octal Transparent Latch 3-STATE Outputs
February 2008 Rev. 1.5.0
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com