Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KA378R12C Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części KA378R12C
Szczegółowy opis  Low Dropout Voltage Regulator Overcurrent Protection, Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA378R12C Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  KA378R12C Datasheet HTML 1Page - Fairchild Semiconductor KA378R12C Datasheet HTML 2Page - Fairchild Semiconductor KA378R12C Datasheet HTML 3Page - Fairchild Semiconductor KA378R12C Datasheet HTML 4Page - Fairchild Semiconductor KA378R12C Datasheet HTML 5Page - Fairchild Semiconductor KA378R12C Datasheet HTML 6Page - Fairchild Semiconductor KA378R12C Datasheet HTML 7Page - Fairchild Semiconductor KA378R12C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KA378R12C
2
Absolute Maximum Ratings
Electrical Characteristics
(Vin = 15V, Io = 1.5A, Ta = 25
°C, unless otherwise specified)
Note:
1.These parameters, although guaranteed, are not 100% tested in production.
2. Junction -to-case thermal resistance test environments.
-.Pneumatic heat sink fixture.
-.Clamping pressure 60psi through 12mm diameter cylinder.
-.Thermal grease applied between PKG and heat sink fixture
Parameter
Symbol
Value
Unit
Remark
Input Voltage
Vin
35
V
-
Disable Voltage
Vdis
35
V
-
Output Current
Io
3.0
A
-
Power Dissipation 1
Pd1
1.5
W
No Heatsink
Power Dissipation 2
Pd2
15
W
With Heatsink
Junction Temperature
Tj
150
°C-
Operating Temperature
Topr
-20 ~ 80
°C-
Thermal Resistance, Junction-to Case(Note2)
R
θjc
2.9
°C/W
-
Thermal Shutdown Temperature
Ttsd
150
°C-
Storage Temperature
Tstg
-65 ~ 150
°C-
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
Vo
-
11.7
12.0
12.3
V
Load Regulation
Rload
5mA < Io < 3A
-
0.1
2.0
%
Line Regulation
Rline
13V < Vin < 29V
-
0.5
2.5
%
Ripple Rejection Ratio
RR
Note1
45
55
-
dB
Dropout Voltage
Vdrop
Io = 3A
-
-
0.5
V
Disable Voltage High
VdisH
Output Active
2.0
-
-
V
Disable Voltage Low
VdisL
Output Disabled
-
-
0.8
V
Disable Bias Current High
IdisH
Vdis = 2.7V
-
-
20
µA
Disable Bias Current Low
IdisL
Vdis = 0.4V
-
-
-0.4
mA
Quiescent Current
Iq
Io = 0A
-
-
10
mA


Podobny numer części - KA378R12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KA378R12C FAIRCHILD-KA378R12C Datasheet
43Kb / 8P
   Low Dropout Voltage Regulator
KA378R12C FAIRCHILD-KA378R12C Datasheet
57Kb / 9P
   Low Dropout Voltage Regulator
KA378R12CTU FAIRCHILD-KA378R12CTU Datasheet
57Kb / 9P
   Low Dropout Voltage Regulator
More results

Podobny opis - KA378R12C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
   Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
[Old version datasheet]   Thermal Shutdown and Overcurrent Protection
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
   400mA Low Dropout Voltage Regulator with Shutdown
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
   Thermal Shutdown Protection
logo
STMicroelectronics
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
   Thermal shutdown protection
March 2014 Rev 1
logo
Skyworks Solutions Inc.
AAT4685 SKYWORKS-AAT4685 Datasheet
1Mb / 17P
   thermal shutdown protection
logo
Dialog Semiconductor
SLG59M1735C DIALOG-SLG59M1735C Datasheet
542Kb / 16P
   Thermal Shutdown Protection
logo
Unisonic Technologies
UD05021G-AF5-R UTC-UD05021G-AF5-R Datasheet
370Kb / 7P
   Thermal Shutdown Protection
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com