Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-21469 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części ADSP-21469
Szczegółowy opis  SHARC Processor material that is subject to change without notice
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-21469 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button ADSP-21469 Datasheet HTML 4Page - Analog Devices ADSP-21469 Datasheet HTML 5Page - Analog Devices ADSP-21469 Datasheet HTML 6Page - Analog Devices ADSP-21469 Datasheet HTML 7Page - Analog Devices ADSP-21469 Datasheet HTML 8Page - Analog Devices ADSP-21469 Datasheet HTML 9Page - Analog Devices ADSP-21469 Datasheet HTML 10Page - Analog Devices ADSP-21469 Datasheet HTML 11Page - Analog Devices ADSP-21469 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Rev. PrB
|
Page 8 of 56
|
November 2008
ADSP-21469/ADSP-21469W
Preliminary Technical Data
• Four precision clock generators
• Input data port/parallel data acquisition port
• Four stereo asynchronous sample rate converters
The ADSP-21469 processor also contains a 14 lead digital
peripheral interface, which controls:
• Two general-purpose timers
• Two serial peripheral interfaces
• One universal asynchronous receiver/transmitter (UART)
•An I2C
®-compatible 2-wire interface
• Two PCGs (C and D) can also be routed through DPI
DMA Controller
The ADSP-21469’s on-chip DMA controller allows data trans-
fers without processor intervention. The DMA controller
operates independently and invisibly to the processor core,
allowing DMA operations to occur while the core is simulta-
neously executing its program instructions. DMA transfers can
occur between the ADSP-21469’s internal memory and its serial
ports, the SPI-compatible (serial peripheral interface) ports, the
IDP (input data port), the parallel data acquisition port (PDAP)
or the UART.
Thirty-six channels of DMA are available on the ADSP-21469,
16 via the serial ports, eight via the input data port, two for the
UART, two for the SPI interface, two for the external port, two
for memory-to-memory transfers, two for the link port, two for
the FFT/IIR/FIR accelerator.
Programs can be downloaded to the ADSP-21469 using DMA
transfers. Other DMA features include interrupt generation
upon completion of DMA transfers, and DMA chaining for
automatic linked DMA transfers.
Delay Line DMA
The ADSP-21469 processor provides delay line DMA function-
ality. This allows processor reads and writes to external delay
line buffers (and hence to external memory) with limited core
interaction.
Scatter/Gather DMA
The ADSP-21469 processor provides scatter/gather DMA
functionality.
This allows processor DMA reads/writes to/from non-contin-
geous memory blocks.
Digital Applications Interface (DAI)
The digital applications interface (DAI) provides the ability to
connect various peripherals to any of the DSP DAI pins
(DAI_P20–1).
Programs make these connections using the signal routing unit
(SRU), shown in Figure 1.
The SRU is a matrix routing unit (or group of multiplexers) that
enables the peripherals provided by the DAI to be intercon-
nected under software control. This allows easy use of the DAI
associated peripherals for a much wider variety of applications
by using a larger set of algorithms than is possible with noncon-
figurable signal paths.
The DAI also includes eight serial ports, four precision clock
generators (PCG), S/PDIF transceiver, four ASRCs, and an
input data port (IDP). The IDP provides an additional input
path to the ADSP-21469 core, configurable as either eight chan-
nels of serial data, or a single 20-bit wide synchronous parallel
data acquisition port. Each data channel has its own DMA
channel that is independent from the ADSP-21469’s serial ports.
Serial Ports
The ADSP-21469 features eight synchronous serial ports that
provide an inexpensive interface to a wide variety of digital and
mixed-signal peripheral devices such as Analog Devices’
AD183x family of audio codecs, ADCs, and DACs. The serial
ports are made up of two data lines, a clock, and frame sync. The
data lines can be programmed to either transmit or receive and
each data line has a dedicated DMA channel.
Serial ports can support up to 16 transmit or 16 receive channels
of audio data when all eight SPORTs are enabled, or four full
duplex TDM streams of 128 channels per frame.
The serial ports operate at a maximum data rate of 56.25 Mbps.
Serial port data can be automatically transferred to and from
on-chip memory/external memory via dedicated DMA chan-
nels. Each of the serial ports can work in conjunction with
another serial port to provide TDM support. One SPORT pro-
vides two transmit signals while the other SPORT provides the
two receive signals. The frame sync and clock are shared.
Serial ports operate in five modes:
• Standard DSP serial mode
•Multichannel (TDM) mode
•I2S mode
•Packed I2S mode
• Left-justified sample pair mode
Left-justified sample pair mode is a mode where in each frame
sync cycle two samples of data are transmitted/received—one
sample on the high segment of the frame sync, the other on the
low segment of the frame sync. Programs have control over var-
ious attributes of this mode.
Each of the serial ports supports the left-justified sample pair
and I2S protocols (I2S is an industry-standard interface com-
monly used by audio codecs, ADCs, and DACs such as the
Analog Devices AD183x family), with two data pins, allowing
four left-justified sample pair or I2S channels (using two stereo
devices) per serial port, with a maximum of up to 32 I2S chan-
nels. The serial ports permit little-endian or big-endian
transmission formats and word lengths selectable from 3 bits to
32 bits. For the left-justified sample pair and I2S modes, data-
word lengths are selectable between 8 bits and 32 bits. Serial
ports offer selectable synchronization and transmit modes as
well as optional
μ-law or A-law companding selection on a per
channel basis. Serial port clocks and frame syncs can be inter-
nally or externally generated.


Podobny numer części - ADSP-21469

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21469BBCZ-3 AD-ADSP-21469BBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21469KBCZ-3 AD-ADSP-21469KBCZ-3 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
ADSP-21469KBCZ-4 AD-ADSP-21469KBCZ-4 Datasheet
2Mb / 72P
   SHARC Processor
REV. 0
More results

Podobny opis - ADSP-21469

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-21462W AD-ADSP-21462W Datasheet
1Mb / 60P
   SHARC Processor material that is subject to change without notice
Rev. PrA
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A Datasheet
3Mb / 50P
   This specification is subject to change without prior notice
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com