Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI1002 Arkusz danych(PDF) 8 Page - Silicon Laboratories

Numer części SI1002
Szczegółowy opis  Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
Download  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI1002 Arkusz danych(HTML) 8 Page - Silicon Laboratories

Back Button SI1002 Datasheet HTML 4Page - Silicon Laboratories SI1002 Datasheet HTML 5Page - Silicon Laboratories SI1002 Datasheet HTML 6Page - Silicon Laboratories SI1002 Datasheet HTML 7Page - Silicon Laboratories SI1002 Datasheet HTML 8Page - Silicon Laboratories SI1002 Datasheet HTML 9Page - Silicon Laboratories SI1002 Datasheet HTML 10Page - Silicon Laboratories SI1002 Datasheet HTML 11Page - Silicon Laboratories SI1002 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 376 page
background image
Si1000/1/2/3/4/5
8
Rev. 1.0
SFR Definition 15.2. CRC0IN: CRC0 Data Input ........................................................ 162
SFR Definition 15.3. CRC0DAT: CRC0 Data Output .................................................. 162
SFR Definition 15.4. CRC0AUTO: CRC0 Automatic Control ...................................... 163
SFR Definition 15.5. CRC0CNT: CRC0 Automatic Flash Sector Count ..................... 163
SFR Definition 15.6. CRC0FLIP: CRC0 Bit Flip .......................................................... 164
SFR Definition 16.1. DC0CN: DC-DC Converter Control ........................................... 171
SFR Definition 16.2. DC0CF: DC-DC Converter Configuration .................................. 172
SFR Definition 17.1. REG0CN: Voltage Regulator Control ........................................ 174
SFR Definition 18.1. VDM0CN: VDD_MCU Supply Monitor Control .......................... 179
SFR Definition 18.2. RSTSRC: Reset Source ............................................................ 181
SFR Definition 19.1. CLKSEL: Clock Select ............................................................... 187
SFR Definition 19.2. OSCICN: Internal Oscillator Control .......................................... 188
SFR Definition 19.3. OSCICL: Internal Oscillator Calibration ..................................... 188
SFR Definition 19.4. OSCXCN: External Oscillator Control ........................................ 189
SFR Definition 20.1. RTC0KEY: SmaRTClock Lock and Key .................................... 194
SFR Definition 20.2. RTC0ADR: SmaRTClock Address ............................................ 195
SFR Definition 20.3. RTC0DAT: SmaRTClock Data .................................................. 196
Internal Register Definition 20.4. RTC0CN: SmaRTClock Control . . . . . . . . . . . . . . . 203
Internal Register Definition 20.5. RTC0XCN: SmaRTClock Oscillator Control . . . . . . 204
Internal Register Definition 20.6. RTC0XCF: SmaRTClock Oscillator Configuration . 205
Internal Register Definition 20.7. RTC0PIN: SmaRTClock Pin Configuration . . . . . . 205
Internal Register Definition 20.8. CAPTUREn: SmaRTClock Timer Capture . . . . . . . 206
Internal Register Definition 20.9. ALARMn: SmaRTClock Alarm Programmed Value 206
SFR Definition 21.1. XBR0: Port I/O Crossbar Register 0 .......................................... 214
SFR Definition 21.2. XBR1: Port I/O Crossbar Register 1 .......................................... 215
SFR Definition 21.3. XBR2: Port I/O Crossbar Register 2 .......................................... 216
SFR Definition 21.4. P0MASK: Port0 Mask Register .................................................. 217
SFR Definition 21.5. P0MAT: Port0 Match Register ................................................... 217
SFR Definition 21.6. P1MASK: Port1 Mask Register .................................................. 218
SFR Definition 21.7. P1MAT: Port1 Match Register ................................................... 218
SFR Definition 21.8. P0: Port0 .................................................................................... 220
SFR Definition 21.9. P0SKIP: Port0 Skip .................................................................... 220
SFR Definition 21.10. P0MDIN: Port0 Input Mode ...................................................... 221
SFR Definition 21.11. P0MDOUT: Port0 Output Mode ............................................... 221
SFR Definition 21.12. P0DRV: Port0 Drive Strength .................................................. 222
SFR Definition 21.13. P1: Port1 .................................................................................. 223
SFR Definition 21.14. P1SKIP: Port1 Skip .................................................................. 223
SFR Definition 21.15. P1MDIN: Port1 Input Mode ...................................................... 224
SFR Definition 21.16. P1MDOUT: Port1 Output Mode ............................................... 224
SFR Definition 21.17. P1DRV: Port1 Drive Strength .................................................. 225
SFR Definition 21.18. P2: Port2 .................................................................................. 225
SFR Definition 21.19. P2SKIP: Port2 Skip .................................................................. 226
SFR Definition 21.20. P2MDIN: Port2 Input Mode ...................................................... 226
SFR Definition 21.21. P2MDOUT: Port2 Output Mode ............................................... 227
SFR Definition 21.22. P2DRV: Port2 Drive Strength .................................................. 227


Podobny numer części - SI1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI1002 ETC2-SI1002 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si1002-E-GM SILABS-Si1002-E-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
Si1002-E-GM2 SILABS-Si1002-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Si1002-ESB2-GM SILABS-Si1002-ESB2-GM Datasheet
99Kb / 2P
   Silicon Labs is pleased to announce Revision 1.2 of the Si100x datasheet
logo
Vishay Telefunken
SI1002R TFUNK-SI1002R Datasheet
194Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Podobny opis - SI1002

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
C8051F015 SILABS-C8051F015 Datasheet
416Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F047 SILABS-C8051F047 Datasheet
410Kb / 2P
   25 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F010 SILABS-C8051F010 Datasheet
171Kb / 2P
   20 MIPS, 32 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
   Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F045 SILABS-C8051F045 Datasheet
410Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F133 SILABS-C8051F133 Datasheet
178Kb / 2P
   100 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F023 SILABS-C8051F023 Datasheet
194Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
C8051F043 SILABS-C8051F043 Datasheet
418Kb / 2P
   25 MIPS, 64 kB Flash, 10-Bit ADC, 64-Pin Mixed-Signal MCU
logo
STMicroelectronics
STM32L051X6 STMICROELECTRONICS-STM32L051X6_V01 Datasheet
1Mb / 133P
   Access line ultra-low-power 32-bit MCU Arm짰-based Cortex짰-M0, up to 64 KB Flash, 8 KB SRAM, 2 KB EEPROM, ADC
October 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com