Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI5338D-A-GM Arkusz danych(PDF) 9 Page - Silicon Laboratories

Numer części SI5338D-A-GM
Szczegółowy opis  I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Download  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5338D-A-GM Arkusz danych(HTML) 9 Page - Silicon Laboratories

Back Button SI5338D-A-GM Datasheet HTML 5Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 6Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 7Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 8Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 9Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 10Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 11Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 12Page - Silicon Laboratories SI5338D-A-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 170 page
background image
Si5338
Rev. 0.6
9
Output Clocks (Single-Ended)
Frequency
fOUT
CMOS
0.16
200
MHz
SSTL, HSTL
0.16
350
MHz
CMOS 20%–80%
Rise/Fall Time
tR/tF
2 pF load
0.45
0.85
ns
CMOS 20%–80%
Rise/Fall Time
tR/tF
15 pF load
1.7
ns
CMOS Output Resis-
tance
—50
SSTL Output
Resistance
—50
HSTL Output
Resistance
—50
CMOS Output Voltage5
VOH
4 mA load
VDDO – 0.3
V
VOL
4mA load
0.3
V
SSTL Output Voltage
VOH
SSTL-3 VDDOx = 2.97
to 3.63 V
0.45xVDDO+0.41
V
VOL
0.45xVDDO–0.41
V
VOH
SSTL-2 VDDOx = 2.25
to 2.75 V
0.5xVDDO+0.41
V
VOL
0.5xVDDO–0.41
V
VOH
SSTL-18 VDDOx = 1.71
to 1.98 V
0.5xVDDO+0.34
V
VOL
0.5xVDDO–0.34
V
HSTL Output Voltage
VOH
VDDO = 1.4 to 1.6 V
0.5xVDDO+0.3
V
VOL
0.5xVDDO –0.3
V
Duty Cycle2
DC
45
55
%
Table 6. Input and Output Clock Characteristics (Continued)
(VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Notes:
1. For best jitter performance, keep the input slew rate on pins 1,2,5,6 faster than 0.3 V/ns
2. Not in PLL bypass mode.
3. For best jitter performance, keep the input single ended slew rate on pins 3 or 4 faster than 1 V/ns
4. Only two unique frequencies above 350 MHz can be simultaneously output, Fvco/4 and Fvco/6.
5. Includes effect of internal series 22
 resistor.


Podobny numer części - SI5338D-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5338D-B-GMR SILABS-SI5338D-B-GMR Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
More results

Podobny opis - SI5338D-A-GM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
logo
Silicon Laboratories
SI5334 SILABS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5335 SILABS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
logo
Skyworks Solutions Inc.
SI5335 SKYWORKS-SI5335 Datasheet
1Mb / 47P
   WEB-CUSTOMIZABLE, ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR/BUFFER
Rev. 1.4
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More