Zakładka z wyszukiwarką danych komponentów |
|
SI5338-PROG-EVB Arkusz danych(PDF) 9 Page - Silicon Laboratories |
|
SI5338-PROG-EVB Arkusz danych(HTML) 9 Page - Silicon Laboratories |
9 / 170 page Si5338 Rev. 0.6 9 Output Clocks (Single-Ended) Frequency fOUT CMOS 0.16 — 200 MHz SSTL, HSTL 0.16 — 350 MHz CMOS 20%–80% Rise/Fall Time tR/tF 2 pF load — 0.45 0.85 ns CMOS 20%–80% Rise/Fall Time tR/tF 15 pF load — — 1.7 ns CMOS Output Resis- tance —50 — SSTL Output Resistance —50 — HSTL Output Resistance —50 — CMOS Output Voltage5 VOH 4 mA load VDDO – 0.3 — V VOL 4mA load — 0.3 V SSTL Output Voltage VOH SSTL-3 VDDOx = 2.97 to 3.63 V 0.45xVDDO+0.41 — — V VOL — — 0.45xVDDO–0.41 V VOH SSTL-2 VDDOx = 2.25 to 2.75 V 0.5xVDDO+0.41 — — V VOL — — 0.5xVDDO–0.41 V VOH SSTL-18 VDDOx = 1.71 to 1.98 V 0.5xVDDO+0.34 — V VOL — — 0.5xVDDO–0.34 V HSTL Output Voltage VOH VDDO = 1.4 to 1.6 V 0.5xVDDO+0.3 — — V VOL — — 0.5xVDDO –0.3 V Duty Cycle2 DC 45 — 55 % Table 6. Input and Output Clock Characteristics (Continued) (VDD = 1.8 V –5% to +10%, 2.5 V ±10%, or 3.3 V ±10%, TA = –40 to 85 °C) Parameter Symbol Test Condition Min Typ Max Units Notes: 1. For best jitter performance, keep the input slew rate on pins 1,2,5,6 faster than 0.3 V/ns 2. Not in PLL bypass mode. 3. For best jitter performance, keep the input single ended slew rate on pins 3 or 4 faster than 1 V/ns 4. Only two unique frequencies above 350 MHz can be simultaneously output, Fvco/4 and Fvco/6. 5. Includes effect of internal series 22 resistor. |
Podobny numer części - SI5338-PROG-EVB |
|
Podobny opis - SI5338-PROG-EVB |