Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDH20D10 Arkusz danych(PDF) 4 Page - Sumida Corporation

Numer części CDH20D10
Szczegółowy opis  Small size inductor 2.2mm Max square and 1.1mm Max height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH20D10 Arkusz danych(HTML) 4 Page - Sumida Corporation

  CDH20D10_10 Datasheet HTML 1Page - Sumida Corporation CDH20D10_10 Datasheet HTML 2Page - Sumida Corporation CDH20D10_10 Datasheet HTML 3Page - Sumida Corporation CDH20D10_10 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
SMD Power Inductor
CDH20D10
CDH20D10
CDH20D10
CDH20D10
California
Chicago
Tel.+1-408-321-9660
FAX. +1-408-321-9308
Tel.+1-847-545-6700
FAX. +1-847-545-6720
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+60-3-8733-0900
FAX.+60-3-8737-7384
Tel.+65-6296-3388
FAX.+65-6296-3390
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
Malaysia
Singapore
Seoul
Tokyo
For More Information
Tel.+886-2-27065228
FAX.+886-2-27065229
Tel.+86-755-82910228
FAX.+86-755-82910338
Tel.+86-021-58363299
FAX.+86-021-58363266
Tel.+852-2880-6688
FAX.+852-2565-9600
Recommended Reflow Condition.
300
0
0
100
150
200
250
300
50
T(℃)
T(s)
60
120
180
240
170±10℃、60 ~ 120s
40s
230℃
245℃
PEAK
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T(℃)
T(s)
60
260℃
230℃
Heat Endurance Test
Temperature Chart
Packaging with Embossed tape and reel.
24
.0
E
F
4
.0
2.0 φ1.5
B
I
H
D
C
Leading Edge
BAR CODE LABEL
Sprocket Holes
Recommend reflow condition: refer to S-074-1518
Packing specification refer to S-074-5395


Podobny numer części - CDH20D10_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH20D10NP-1R0M SUMIDA-CDH20D10NP-1R0M Datasheet
178Kb / 2P
   Power Inductors
CDH20D10NP-1R2M SUMIDA-CDH20D10NP-1R2M Datasheet
178Kb / 2P
   Power Inductors
CDH20D10NP-1R5M SUMIDA-CDH20D10NP-1R5M Datasheet
178Kb / 2P
   Power Inductors
CDH20D10NP-1R8M SUMIDA-CDH20D10NP-1R8M Datasheet
178Kb / 2P
   Power Inductors
CDH20D10NP-2R0M SUMIDA-CDH20D10NP-2R0M Datasheet
178Kb / 2P
   Power Inductors
More results

Podobny opis - CDH20D10_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TOKO, Inc
DEM10050C TOKO-DEM10050C Datasheet
107Kb / 1P
   10.3 x 10.3mm Max. square, 5.0mm Max. height.
DEM8030C TOKO-DEM8030C Datasheet
124Kb / 2P
   8.3 x 8.3mm Max. square, 3.0, 4.0, and 4.5mm Max. height.
logo
List of Unclassifed Man...
PCMB104E ETC2-PCMB104E Datasheet
627Kb / 1P
   Low profile (3.0mm max) and small size (7.3mm x 6.6mm)
PCMB104T ETC2-PCMB104T Datasheet
627Kb / 1P
   Low profile (3.0 mm max) and small size (7.3mm x 6.6mm)
logo
Shenzhen Luguang Electr...
FT-12N-65ME LUGUANG-FT-12N-65ME Datasheet
181Kb / 1P
   30Vp-p Square Wave MAX.
GSK-2320TE-LZ105 LUGUANG-GSK-2320TE-LZ105 Datasheet
96Kb / 1P
   30Vp-p max. square Wave
logo
Murata Manufacturing Co...
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
1280617 MURATA-1280617 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
Shenzhen Luguang Electr...
FT-12T-66ME LUGUANG-FT-12T-66ME Datasheet
155Kb / 1P
   30Vp-p Square Wave MAX.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com