Zakładka z wyszukiwarką danych komponentów |
|
TC1767 Arkusz danych(PDF) 9 Page - Infineon Technologies AG |
|
TC1767 Arkusz danych(HTML) 9 Page - Infineon Technologies AG |
9 / 126 page TC1767 Summary of Features Data Sheet 5 V1.3, 2009-09 – 2 independent kernels (ADC0, ADC1) – Analog supply voltage range from 3.3 V to 5 V (single supply) – Performance for 12 bit resolution (@f ADCI =10 MHz) • 4 different FADC input channels • Extreme fast conversion, 21 cycles of f FADC clock (262.5 ns @ fFADC = 80 MHz) – 10-bit A/D conversion (higher resolution can be achieved by averaging of consecutive conversions in digital data reduction filter) • 88 digital general purpose I/O lines (GPIO), 4 input lines • Digital I/O ports with 3.3 V capability • On-chip debug support for OCDS Level 1 (CPU, PCP, DMA, On Chip Bus) • Dedicated Emulation Device chip available (TC1767ED) – multi-core debugging, real time tracing, and calibration – four/five wire JTAG (IEEE 1149.1) or two wire DAP (Device Access Port) interface • Power Management System • Clock Generation Unit with PLL • Core supply voltage of 1.5 V • I/O voltage of 3.3 V • Full automotive temperature range: -40° to +125°C • Package variant: PG-LQFP-176-5 |
Podobny numer części - TC1767 |
|
Podobny opis - TC1767 |