Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13851 Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc

Numer części MC13851
Szczegółowy opis  General Purpose Low Noise Amplifier with Bypass Switch
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13851 Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13851 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13851 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Application Information
MC13851 Advance Information, Rev. 2.0
Freescale Semiconductor
9
Figure 6 shows the Icc current drain for a range of values for the external bias resistor Rbias.
Figure 6. Icc vs. Bias Resistor R1 Value
3
Application Information
The MC13851 LNA is designed for applications in the 1000 MHz to 2.5 GHz range. It has three different
modes: High Gain, Low Gain (bypass) and standby. The LNA is programmable through the Gain and
Enable pins. The logic truth table is given in Table 3. The internal bypass switch is designed for broadband
applications. One of the advantages of the MC13851 is the simplification of the matching network in both
bypass and amplifier modes. The bypass switch is designed so that changes of input and output return
losses between bypass mode and active mode are minimized and the matching network design is
simplified. In these application examples a balance is made between the competing RF performance
characteristics of Icc, NF, gain, IP3 and return losses with unconditional stability. Conjugate matching is
not used for the input or output. Instead, matching which achieves a trade-off in RF performance qualities
is used. For a particular application or specification requirement, the matching can be changed to achieve
enhanced performance of one parameter. Measurements are made at a bias of Vcc=2.75 V. Frequency
spacing for IP3 measurements is 200 kHz. Non-linear measurements are made at Pin = -30 dBm. Typical
application circuits are provided for 1575 MHz, 1960 MHz, 2140 MHz and 2.4 GHz applications. Typical
RF performance is shown for two values of bias resistor R1: 1.2 k
Ω and 1.5 kΩ. These two current drain
levels offer variations in intercept point, gain and noise figure. Included with each application are the
schematics and electrical performance. Section 4, “Printed Circuit and Bill of Materials” provides the
evaluation board layout and Bill of Material for the circuits. Section 5, “Scattering and Noise Parameters”
provides Smith charts with gain and noise circles for each application frequency.
3.1
1575 MHz Application
This application was designed to provide typical NF = 1.28 dB, S21 gain = 19 dB, OIP3 =14.5 dBm with
return losses better than -10 dB at 1575 MHz. Typical performance that can be expected from this circuit
at 2.75V is listed in Table 6. The component values can be changed to enhance the performance of a
particular parameter, but usually at the expense of another. Two values of bias resistor R1 are shown to
y = 1.5497x2 ‐ 7.6446x + 11.822
R² = 0.981
2
2.5
3
3.5
4
4.5
5
1.1
1.3
1.5
1.7
1.9
2.1
Rbias value (kohm)
Icc mA
Poly. (Icc mA)


Podobny numer części - MC13851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13851EP NXP-MC13851EP Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Podobny opis - MC13851

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13852 FREESCALE-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com