Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13852 Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc

Numer części MC13852
Szczegółowy opis  General Purpose Low Noise Amplifier with Bypass Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13852 Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13852 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13852 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Applications Information
MC13852 Advance Information, Rev. 2.0
Freescale Semiconductor
9
3.1
434 MHz Application
This application was designed to provide typical NF = 1.65 dB, S21 gain = 20 dB, OIP3 =10.6 dBm at
434 MHz. Typical performance that can be expected from this circuit at 2.75 V is listed in Table 6. The
component values can be changed to enhance the performance of a particular parameter, but usually at the
expense of another. Two values of bias resistor R1 are shown to demonstrate performance for different IP3
and Icc requirements.
Values of external resistor R1 are varied to adjust Icc and IP3.
Inductor L3 provides bias to the logic circuit.
Figure 7 is the 434 MHz application schematic with package pinouts and the circuit component topology.
Figure 7. 434 MHz Application Schematic
Table 6. Typical 434 MHz Evaluation Board Performance (Vcc = 2.75V, TA = 25
°C)
Characteristic
Symbol
Min
Typ
Max
Unit
R1 = 1.2 k
Ω
Frequency
f
434
MHz
RF Gain
High Gain
Bypass
G
19.3
-9.5
20.3
-8.5
dB
Output Third Order Intercept Point
High Gain
Bypass
OIP3
9.5
15.5
10.6
16.6
dBm
Input Third Order Intercept Point
High Gain
Bypass
IIP3
-10.7
24
-9.7
25.1
dBm
Out Ref P1dB
High Gain
P1dBout
6.8
7.8
dBm
In Ref P1dB
High Gain
P1dBin
-13.5
-12.5
dBm
RF
OUT
R2
30 ohm
L1
27 nH
C2
47 pF
L2
47 nH
C5
33 pF
C4
0.1
uF
Gain
Vcc
.
Enable
Rbias
R1
1.2 kohm
C3
22 pF
6
1
3
2
Logic
7
5
4
8
Emit
C1
1.3 pF
R3
82 ohm
L3
270 nH


Podobny numer części - MC13852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
MC13852EP NXP-MC13852EP Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
More results

Podobny opis - MC13852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC13851 NXP-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13851 FREESCALE-MC13851 Datasheet
2Mb / 34P
   General Purpose Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13852 NXP-MC13852 Datasheet
2Mb / 30P
   General Purpose Low Noise Amplifier with Bypass Switch
Rev. 2.0, 12/2010
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com