Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MCZ33904B3R2 Arkusz danych(PDF) 10 Page - Freescale Semiconductor, Inc

Numer części MCZ33904B3R2
Szczegółowy opis  SBC Gen2 with CAN High Speed and LIN Interface
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33904B3R2 Arkusz danych(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33904B3R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33904B3R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 98 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33903/4/5
PIN CONNECTIONS
Table 2. 33903/4/5 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 30.
Pin #
33905D
Pin #
33905S
Pin #
33904
Pin #
33903
Pin Name
Pin Function
Formal Name
Definition
1-3,20-
22,27-
30,32-
35,52-54
N/A
17, 18,
19
2-4,11-
13, 17-
21, 31,
32
N/C
No Connect
-
No Connection
4
1
1
1
VSUP1
Power
Battery Voltage
Supply 1
Supply input for the device internal supplies,
power on reset circuitry and the VDD regulator.
5
2
2
2
VSUP2
Power
Battery Voltage
Supply 2
Supply input for 5 V-CAN regulator, VAUX
regulator, I/O and LIN pins.
6
3
3
N/A
LIN-T2
or
I/O-3
Output
or
Input/Output
LIN Termination
2
or
Input/Output 3
33905D, Output pin for the LIN2 master node
termination resistor.
or
33904/33905S, Configurable pin as an input or
high side output, for connection to external
circuitry (switched or small load). The input can be
used as a programmable wake-up input in Low
Power mode. When used as a high side, no over-
temperature protection is implemented. A basic
short to GND protection function, based on switch
drain-source over-voltage detection, is available.
7
4
4
N/A
LIN-T1
or
LIN-T
I/O-2
Output
or
Input/Output
LIN Termination
1
or
Input/Output 2
I/O-2
33905D, Output pin for the LIN1 master node
termination resistor.
or
33905S, 33905D, Configurable pin as an input or
high side output, for connection to external
circuitry (switched or small load). The input can be
used as a programmable wake-up input in Low
Power mode. When used as a high side, no over-
temperature protection is implemented. A basic
short to GND protection function, based on switch
drain-source over-voltage detection, is available.
33904, Configurable pin as input or high side
output, for connection to external circuitry
(switched or small load). Input can be used as a
programmable wake-up input from Low Power
mode. When used as high side, no over-
temperature protection is implemented. A basic
short to GND protection function based on switch
drain-source over-voltage detection is available.
8
5
5
5
SAFE
Output
Safe Output
(Active LOW)
Output of the safe circuitry. The pin is asserted
LOW in case of a safe condition is detected (e.g.:
software watchdog is not triggered, VDD low, issue
on the RESET pin, etc.). Open drain structure.
9
6
6
6
5 V-CAN
Output
5V-CAN
Output voltage for the embedded CAN interface.
A capacitor must be connected to this pin.
10
7
7
7
CANH
Output
CAN High
CAN high output.
11
8
8
8
CANL
Output
CAN Low
CAN low output.
12
9
9
9
GND-CAN
Ground
GND-CAN
Power GND of the embedded CAN interface
13
10
10
10
SPLIT
Output
SPLIT Output
Output pin for connection to the middle point of the
split CAN termination
14
11
11
N/A
VBAUX
Output
VB Auxiliary
Output pin for external path PNP transistor base


Podobny numer części - MCZ33904B3R2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33904B3R2 FREESCALE-MCZ33904B3R2 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Podobny opis - MCZ33904B3R2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MCZ33905CS5EK FREESCALE-MCZ33905CS5EK Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
33903 FREESCALE-33903 Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MC33903_4 FREESCALE-MC33903_4_5 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
MC33903 NXP-MC33903 Datasheet
2Mb / 111P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 15.0, 6/2023
logo
Freescale Semiconductor...
MC33905D FREESCALE-MC33905D Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
logo
NXP Semiconductors
33903 NXP-33903 Datasheet
2Mb / 107P
   SBC Gen2 with CAN high speed and LIN interface
Rev. 14.0, 2/2018
logo
Freescale Semiconductor...
33904 FREESCALE-33904 Datasheet
2Mb / 91P
   System Basis Chip Gen2 with High Speed CAN and LIN Interface
logo
NXP Semiconductors
MC34903 NXP-MC34903 Datasheet
4Mb / 16P
   System Basis Chip with CAN High Speed and LIN Interface
Rev. 4.0, 10/2013
logo
ON Semiconductor
NCV7462 ONSEMI-NCV7462 Datasheet
420Kb / 56P
   LIN/CAN SBC/System-IC
January, 2013 ??Rev. 0
NCV7462 ONSEMI-NCV7462_1 Datasheet
379Kb / 56P
   LIN/CAN SBC/System-IC
June, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com