Zakładka z wyszukiwarką danych komponentów |
|
DAC0A Arkusz danych(PDF) 9 Page - ATMEL Corporation |
|
DAC0A Arkusz danych(HTML) 9 Page - ATMEL Corporation |
9 / 30 page AVR32768 9 32157A-AVR-12/10 7 ADC Analog-to-digital converter The UC3 C analog-to-digital converter (ADC) has a fully differential 8/10/12-bit ADC core with built-in sample and hold. It has multiple reference sources, and 1.5 mega- samples per second conversion rate for 12 bit resolution. The ADC connections require some electrical considerations, which are outlined in this section. 7.1 ADC analog Input The ADC has 16 channels of analog input, ADCINx, which are GPIO multiplexed. To get the best resolution, it is recommended not to use digital features of GPIO pins close to the analog inputs used. The analog input channels require a low enough external source impedance, which depends on whether or not sample-and-hold is used (see Table 7-1). For differential input, ADCIN[0:7] are used for positive input and ADCIN[8:15] are used for negative input. In single-ended mode, all 16 channels can be used as single- ended input. Please refer to the UC3 C datasheet for details. Table 7-1. ADC analog inputs. Signal name Recommended pin connection Description ADCINx Maximum input voltage: VVDDANA Maximum external source impedance, • without S/H: 3kΩ • with S/H: 1kΩ Analog input 7.2 ADC voltage reference The internal analog-to-digital converter in the UC3 C can use different voltage references. Depending on the voltage references needed, the external voltage reference pins should be connected as advised below. 7.2.1 ADC single-ended external reference (ADCREF0/ADCREF1) Two external, single-ended voltage references are available. The maximum voltage values depend on the power supply mode used. Refer to Table 7-2 and Table 7-3, and Figure 7-1 and Figure 7-2. If the single-ended external voltage references are not used, the pins can be left unconnected and tied to internal pull-up through GPIO. Figure 7-1. Single-ended external reference, 3.3V power supply mode. |
Podobny numer części - DAC0A |
|
Podobny opis - DAC0A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |