Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT157D Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT157D
Szczegółowy opis  Quad 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT157D Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT157D Datasheet HTML 3Page - NXP Semiconductors 74HCT157D Datasheet HTML 4Page - NXP Semiconductors 74HCT157D Datasheet HTML 5Page - NXP Semiconductors 74HCT157D Datasheet HTML 6Page - NXP Semiconductors 74HCT157D Datasheet HTML 7Page - NXP Semiconductors 74HCT157D Datasheet HTML 8Page - NXP Semiconductors 74HCT157D Datasheet HTML 9Page - NXP Semiconductors 74HCT157D Datasheet HTML 10Page - NXP Semiconductors 74HCT157D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
74HC_HCT157
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 3 — 31 December 2010
7 of 18
NXP Semiconductors
74HC157; 74HCT157
Quad 2-input multiplexer
10. Dynamic characteristics
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; for test circuit see Figure 9.
Symbol Parameter
Conditions
Tamb = 25 C
Tamb = 40 C
to +85
C
Tamb = 40 C
to +125
C
Unit
Min
Typ
Max
Min
Max
Min
Max
For type 74HC157
tpd
propagation
delay
nI0, nI1 to nY; see Figure 7
[1]
VCC = 2.0 V
-
36
125
-
155
-
190
ns
VCC = 4.5 V
-
13
25
-
31
-
38
ns
VCC =5V; CL =15pF
-
11
-
-
-
-
-
ns
VCC = 6.0 V
-
10
21
-
26
-
32
ns
S to nY; see Figure 7
[1]
VCC = 2.0 V
-
41
125
-
155
-
190
ns
VCC = 4.5 V
-
15
25
-
31
-
38
ns
VCC =5V; CL =15pF
-
12
-
-
-
-
-
ns
VCC = 6.0 V
-
12
21
-
26
-
32
ns
E to nY; see Figure 8
[1]
VCC = 2.0 V
-
39
115
-
145
-
175
ns
VCC = 4.5 V
-
14
23
-
29
-
35
ns
VCC =5V; CL =15pF
-
11
-
-
-
-
-
ns
VCC = 6.0 V
-
11
20
-
25
-
30
ns
tt
transition
time
nY; see Figure 7
[2]
VCC = 2.0 V
-
19
75
-
95
-
110
ns
VCC = 4.5 V
-
7
15
-
19
-
22
ns
VCC = 6.0 V
-
6
13
-
16
-
19
ns
CPD
power
dissipation
capacitance
CL =50pF;f= 1 MHz;
VI =GND to VCC
[3]
-70
-
-
-
-
-
pF
For type 74HCT157
tpd
propagation
delay
nI0, nI1 to nY; see Figure 7
[1]
VCC = 4.5 V
-
16
27
-
34
-
41
ns
VCC =5V; CL =15pF
-
13
-
-
-
-
-
ns
S to nY; see Figure 7
[1]
VCC = 4.5 V
-
22
37
-
46
-
56
ns
VCC =5V; CL =15pF
-
19
-
-
-
-
-
ns
E to nY; see Figure 8
[1]
VCC = 4.5 V
-
15
26
-
33
-
39
ns
VCC =5V; CL =15pF
-
12
-
-
-
-
-
ns


Podobny numer części - 74HCT157D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT157D PHILIPS-74HCT157D Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
logo
Nexperia B.V. All right...
74HCT157D NEXPERIA-74HCT157D Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HCT157D-Q100 NEXPERIA-74HCT157D-Q100 Datasheet
782Kb / 17P
   Quad 2-input multiplexer
74HCT157D-Q100 NEXPERIA-74HCT157D-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
logo
ON Semiconductor
74HCT157DR2G ONSEMI-74HCT157DR2G Datasheet
138Kb / 9P
   Quad 2?묲nput Data Selectors / Multiplexers High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
More results

Podobny opis - 74HCT157D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com