Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1143 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA1143
Szczegółowy opis  FM IF System for Car Radios
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1143 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA1143 Datasheet HTML 1Page - Sanyo Semicon Device LA1143 Datasheet HTML 2Page - Sanyo Semicon Device LA1143 Datasheet HTML 3Page - Sanyo Semicon Device LA1143 Datasheet HTML 4Page - Sanyo Semicon Device LA1143 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LA1143
Ordering number : EN1140D
FM IF System for Car Radios
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
91297HA (KT)/D157KI/2126KI/5085MW/D142KI, TS No.1140-1/5
Overview
The LA1143 is an IF system IC designed for FM car stereo
receivers. It features versatile muting characteristics and
allows receiver designers to realize the muting
performance according to their design concept. Since the
muting characteristics can be varied with a switch or a
semi-fixed resistor, DX-Local switching will be
accomplished with ease.
Functions
• IF amplification/limiter
• Quadrature detector
• AF preamplifier
• AFC output
• Signal meter output
• AGC output
• Muting at detuning
• Muting at small input
Package Dimensions
unit: mm
3006B-DIP16
[LA1143]
SANYO: DIP16
Features
1. Versatile mutings
a) When muting operation is performed under a weak signal strength, an attenuation slope of the audio output against
the input signal strength variations can be set at any given value.
b) Maximum muting attenuation can be selected to be approximately 6 to 40dB.
c) Input signal strength level which actuates the muting circuit can be set freely.
2. High limiting sensitivity (25 dBµ typ. with muting off) provides a good quieting characteristic.
3. High S/N (78dB typ.)
4. Low distortion (0.05% typ.) available, if used with double-tuned circuits.
5. Good AMR (63dB with 6 stages of differential IF amplifiers).
6. Signal meter drive output proportional to the input signal strength in dB (suitable to control multiplex IC LA3373).
7. Clamped (±VBE) AFC output, bandwidth adjustable.
8. Delayed AGC output for front end circuit.
Equivalent Circuit Block Diagram


Podobny numer części - LA1143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
More results

Podobny opis - LA1143

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
logo
Panasonic Semiconductor
AN7256 PANASONIC-AN7256 Datasheet
258Kb / 4P
   FM IF Amplifier, Detector for Car Radios
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1145 SANYO-LA1145 Datasheet
335Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com