Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1145 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA1145
Szczegółowy opis  FM IF System (Quadrature Detector) for Car Radio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1145 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA1145 Datasheet HTML 1Page - Sanyo Semicon Device LA1145 Datasheet HTML 2Page - Sanyo Semicon Device LA1145 Datasheet HTML 3Page - Sanyo Semicon Device LA1145 Datasheet HTML 4Page - Sanyo Semicon Device LA1145 Datasheet HTML 5Page - Sanyo Semicon Device LA1145 Datasheet HTML 6Page - Sanyo Semicon Device LA1145 Datasheet HTML 7Page - Sanyo Semicon Device LA1145 Datasheet HTML 8Page - Sanyo Semicon Device LA1145 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
8V
Operating voltage range
VCC op
7.5 to 14
V
Operating Characteristics at Ta = 25 °C, VCC =8 V, fin = 10.7 MHz
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
ICCO
VIN = 0 dBµ
18
26
36
mA
Current drain
ICC
VIN = 100 dBµ
20
29
40
mA
Demodulation output
VO
VIN = 100 dBµ, 400 Hz tone, 100%
300
400
520 mVrms
Total harmonic distortion
THD
VIN = 100 dBµ, 400 Hz tone, 100%,
single tuning coil
0.3
0.8
%
Signal-to-noise ratio
S/N
VIN = 100 dBµ, 400 Hz tone, 100%
79
85
dB
Input limiting voltage
VIN (lim)
400 Hz tone, 100%, soft mute ON
34
40
46
dBµ
Muting sensitivity
VIN (mute)
V16 = 2 V
30
36
42
dBµ
Muting bandwidth
BW (mute)
VIN = 100 dBµ, V19 % 0.3 V
140
190
280
kHz
Muting attenuation
mute (1)
VIN = 100 dBµ, V16 =2 V,
400 Hz tone, 100%
10
15
20
dB
mute (2)
VIN = 100 dBµ, V16 =4V,
400 Hz tone, 100%
25
29
33
dB
Signal strength
indication output
V17-0
VIN = 0 dBµ, R16 =10kΩ, pin 17
0
0.1
0.4
V
V17-50
VIN = 50 dBµ, R16 =10kΩ, pin 17
1.4
2.3
3.2
V
V17-70
VIN = 70 dBµ, R16 =10kΩ, pin 17
2.5
4.5
5.5
V
V17-100
VIN = 100 dBµ, R16 =10kΩ, pin 17
5.0
5.5
6.0
V
Muting drive output
V16-0
VIN = 0 dBµ, pin 16
4.0
4.8
5.5
V
V16-100
VIN = 100 dBµ, pin 16
0
0
0.3
V
AM rejection ratio
AMR
VIN = 100 dBµ, 1 kHz tone, 30% AM
57
70
dB
Offset voltage
V8-12
VIN = 0 dBµ, pin 8 to 12
–0.25
0
+0.25
V
V9-12
VIN = 0 dBµ, pin 9 to 12
–0.5
0
+0.5
V
SD sensitivity
VSD
Pin 19
50
58
66
dBµ
IF count output level
VIF-On
VIN = 100 dBµ, pin 14, CL = 10 pF
110
180
280 mVrms
VIF-OFF
VIN = 100 dBµ, pin 14, CL =10pF
1
3 mVrms
Ambient temperature, Ta – °C
Mounted on PCB
(90
× 60 × 1.5 mm3 glass epoxy
Independent
IC
Ambient temperature, Ta – °C
Pd max–Ta
Pdmax–Ta
LA1145, 1145M
No. 2725-3/17


Podobny numer części - LA1145

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
ON Semiconductor
LA1140-E ONSEMI-LA1140-E Datasheet
151Kb / 3P
   3Q2013 Product Discontinuance Notice
Rev. 20-Nov-2012
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results

Podobny opis - LA1145

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
1145M SANYO-1145M Datasheet
477Kb / 17P
   FM IF System (Quadrature Detector) for Car Radio
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
NTE Electronics
NTE1604 NTE-NTE1604 Datasheet
27Kb / 3P
   Integrated Circuit FM IF System for Car Radio
logo
Samsung semiconductor
S1A2245X01 SAMSUNG-S1A2245X01 Datasheet
85Kb / 4P
   FM IF FOR CAR RADIO
logo
NTE Electronics
NTE1541 NTE-NTE1541 Datasheet
70Kb / 2P
   Integrated Circuit FM IF Amp & Detector for Car Radio
logo
Sanyo Semicon Device
LA1150N SANYO-LA1150N Datasheet
220Kb / 5P
   FM IF Amplifier for Car Radio
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
logo
Samsung semiconductor
KA2245 SAMSUNG-KA2245 Datasheet
76Kb / 3P
   FM IF SYSTEM FOR CAR RADIOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com