Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1185 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA1185
Szczegółowy opis  FM Front-end for Radio-cassette Recorder, Home Stereo Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1185 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA1185 Datasheet HTML 1Page - Sanyo Semicon Device LA1185 Datasheet HTML 2Page - Sanyo Semicon Device LA1185 Datasheet HTML 3Page - Sanyo Semicon Device LA1185 Datasheet HTML 4Page - Sanyo Semicon Device LA1185 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Operating Characteristics at Ta = 25°C, VCC = 4.5 V, fr = 108 MHz, fOSC = 118.7 MHz,
See specified Test Circuit
Parameter
Symbol
Conditions
min
typ
max
Unit
Current dissipation
ICC
Quiescent
5.5
8.0
mA
Output saturation voltage
Vo
100 dBµ
95
115
135
mVrms
Local oscillation voltage
VOSC
VCC = 2 V
190
235
mVrms
Oscillation stop voltage
Vstop
1.4
1.6
V
Test Circuit and Equivalent Circuit Block Diagram
Ambient temperature, Ta − °C
(Sumida)
(Mitsumi)
(Sumida)
Unit (resistance:
Ω, capacitance: F)
LA1185
No.1521-2/5


Podobny numer części - LA1185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1180 SANYO-LA1180 Datasheet
170Kb / 4P
   MONOLITHIC LINEAR IC FM FRONT END FOR RADIO CASSETTE RECORDER USE
LA1186 SANYO-LA1186 Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
LIGITEK electronics co....
LA118B-260-I LIGITEK-LA118B-260-I Datasheet
118Kb / 6P
   LED ARRAY
LA118B-260-I-PF LIGITEK-LA118B-260-I-PF Datasheet
125Kb / 7P
   LED ARRAY
More results

Podobny opis - LA1185

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AN7203 ETC1-AN7203 Datasheet
97Kb / 4P
   FM FRONT-END IC FOR RADIO, RADIO CASSETTE RECORDER
logo
Sanyo Semicon Device
LA1175 SANYO-LA1175 Datasheet
778Kb / 14P
   FM Front End For Car Radio, Home Stereo Applications
logo
Panasonic Semiconductor
AN7017S PANASONIC-AN7017S Datasheet
64Kb / 5P
   FM/TV Front-end ICs for 1.5V Headphone Stereo, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1180 SANYO-LA1180 Datasheet
170Kb / 4P
   MONOLITHIC LINEAR IC FM FRONT END FOR RADIO CASSETTE RECORDER USE
LA1178M SANYO-LA1178M Datasheet
299Kb / 7P
   FM Front End for Car Radio, Home Radio-Use
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
logo
Panasonic Semiconductor
AN7024 PANASONIC-AN7024 Datasheet
430Kb / 7P
   AM Tuner, FM-IF MPX IC for Radio, Radio Cassette Recorder
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
logo
Samsung semiconductor
KA2249 SAMSUNG-KA2249 Datasheet
262Kb / 4P
   FM FRONT END FOR PORTABLE RADIO
logo
Panasonic Semiconductor
AN7213 PANASONIC-AN7213 Datasheet
188Kb / 4P
   FM FRONT END CIRCUIT FOR RADIO
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com