Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1193V Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA1193V
Szczegółowy opis  High-Performance FM Front End for Car Radios
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1193V Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA1193V Datasheet HTML 1Page - Sanyo Semicon Device LA1193V Datasheet HTML 2Page - Sanyo Semicon Device LA1193V Datasheet HTML 3Page - Sanyo Semicon Device LA1193V Datasheet HTML 4Page - Sanyo Semicon Device LA1193V Datasheet HTML 5Page - Sanyo Semicon Device LA1193V Datasheet HTML 6Page - Sanyo Semicon Device LA1193V Datasheet HTML 7Page - Sanyo Semicon Device LA1193V Datasheet HTML 8Page - Sanyo Semicon Device LA1193V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Monolithic Linear IC
Ordering number : EN4715A
31097HA (OT)/61094TH(OT) A8-9997 No. 4715-1/21
LA1193M, 1193V
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
High-Performance FM Front End for Car Radios
Overview
The LA1193M and LA1193V are front-end ICs developed
for use in car radios. It incorporates an extremely wide
dynamic range mixer and a new AGC system consisting
of a dual-system wide-band AGC and a new keyed AGC
to
provide
excellent
interference
suppression
characteristics.
Functions
• Double-balance mixer
• Pin diode drive output
• Differential IF amplifier
• Dual-system wide-band AGC circuit
• Local buffer output
• 3D-AGC system
• FET gate drive AGC output
• IF amplifier gain control pin
Features
• Improved interference characteristics
— Expanded mixer input dynamic range
Mixer input usable sensitivity: 15 dBµ
Mixer input I.M. QS:
90 dBµ
(The dynamic range has been increased by 6 dB
over the earlier LA1175M.)
— Development of a new wide-band AGC circuit
Improved interference characteristics for both near-
channel interference and far-channel interference
Improved interference characteristics for the TV band
— Development of a 3D-AGC system
The adjacent channel two-signal interference
characteristics can be effectively improved without
degrading the strong-field three-signal interference
characteristics during keyed AGC operation.
• Improved stability design
— AGC circuit local oscillator isolation
Measures were taken to prevent the deterioration of
AMR, noise level, THD and other characteristics
during AGC operation.
— AGC circuit incorrect operation measures
The LA1193M provides methods to prevent
incorrect operation due to local oscillator injection
and loss of DC balance.
• Improved temperature characteristics
— Conversion gain
— AGC sensitivity
— Antenna damping drive output current
Package Dimensions
unit: mm
3036B-MFP20
unit: mm
3179A-SSOP20
[LA1193M]
[LA1193V]
SANYO: SSOP20


Podobny numer części - LA1193V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
1Mb / 22P
   High-Performance FM Front End
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
More results

Podobny opis - LA1193V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN7216 PANASONIC-AN7216 Datasheet
128Kb / 4P
   FM Front End Circuit for Radios
logo
STMicroelectronics
TDA7515 STMICROELECTRONICS-TDA7515_06 Datasheet
103Kb / 7P
   RF front-end for AM/FM-DSP car radios with IF sampling
logo
NXP Semiconductors
TEA6810V PHILIPS-TEA6810V Datasheet
194Kb / 24P
   Front-end and PLL synthesizers for car radios
1996 Jun 18
logo
Sanyo Semicon Device
LA1193M SANYO-LA1193M_08 Datasheet
1Mb / 22P
   High-Performance FM Front End
logo
Panasonic Semiconductor
AN7243S PANASONIC-AN7243S Datasheet
81Kb / 7P
   FM Front-end Circuit for Car Radio
AN7254 PANASONIC-AN7254 Datasheet
104Kb / 4P
   FM FRONT-END CIRCUIT FOR CAR RADIO
AN7280S PANASONIC-AN7280S Datasheet
81Kb / 7P
   FM Front-end IC for Car Radio
logo
Sanyo Semicon Device
LA1193V SANYO-LA1193V Datasheet
643Kb / 22P
   High-Performance FM Front End
logo
TEMIC Semiconductors
U4062B TEMIC-U4062B Datasheet
219Kb / 21P
   HF Front End for Car Radios and HiFi Receivers
logo
Sanyo Semicon Device
LA1143 SANYO-LA1143 Datasheet
124Kb / 5P
   FM IF System for Car Radios
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com