Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1231N Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA1231N
Szczegółowy opis  FM IF System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1231N Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA1231N Datasheet HTML 1Page - Sanyo Semicon Device LA1231N Datasheet HTML 2Page - Sanyo Semicon Device LA1231N Datasheet HTML 3Page - Sanyo Semicon Device LA1231N Datasheet HTML 4Page - Sanyo Semicon Device LA1231N Datasheet HTML 5Page - Sanyo Semicon Device LA1231N Datasheet HTML 6Page - Sanyo Semicon Device LA1231N Datasheet HTML 7Page - Sanyo Semicon Device LA1231N Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LA1231N
No.660-2/8
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCCmax
Pin 11
16
V
Maximum input voltage
VIN
Pins 1-2
±1
Vp-p
Maximum supply current
ICC
Pin 11
40
mA
Maximum flow-in current
I15
Pin 15
1
mA
I16
Pin 16
1
mA
Maximum flow-out current
I10
Pin 10
2
mA
I12
Pin 12
2
mA
I13
Pin 13
2
mA
I15
Pin 15
2
mA
Allowable power dissipation
Pd max
650
mA
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Voltage regulator
IF amp/limiter
Guadrature
limiter
AFC/tuning
meter drive
Guadrature
det
Level
det
IF amp
stop
Signal meter
drive
Mute drive
Level
det
Level
det
Level
det
Level
det
DC
level
AF amp
Mute
control
Features
• High sensitivity on limiting : 18µV typ.
• Low distortion : 0.05% typ. determined by the linearity of phase characteristics in phase shifting circuit.
• High demodulation output : 330 mVrms typ.
• High S/N ratio : 78.5dB typ.
• Muting at detuning with little shock noise.
• Single meter drive output proportional with the input signal level dB.
• Detuning muting band having good symmetrics.
• Tuning meter driving output having wide swing width.
• Delay AGC drive output for front end.
• Constant voltage circuit is built-in : operation voltage=9 to 14V.
• Muting characteristics between adjacent stations are distinguished.
Equivalent Circuit Block Diagram


Podobny numer części - LA1231N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
104Kb / 1P
   FM/AM IF AMP FOR RADIO CASSETE MUSIC CENTER
More results

Podobny opis - LA1231N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
   FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com