Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1836 Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA1836
Szczegółowy opis  Single-Chip Home Stereo Electronic Tuning IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1836 Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA1836 Datasheet HTML 1Page - Sanyo Semicon Device LA1836 Datasheet HTML 2Page - Sanyo Semicon Device LA1836 Datasheet HTML 3Page - Sanyo Semicon Device LA1836 Datasheet HTML 4Page - Sanyo Semicon Device LA1836 Datasheet HTML 5Page - Sanyo Semicon Device LA1836 Datasheet HTML 6Page - Sanyo Semicon Device LA1836 Datasheet HTML 7Page - Sanyo Semicon Device LA1836 Datasheet HTML 8Page - Sanyo Semicon Device LA1836 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Pin Functions
No. 4787-5/13
LA1836, 1836M
Pin No.
Function
Voltage
Internal equivalent circuit
Remarks
1
2
3
4
5
6
7
8
9
10
11
FM IF input
AM mixer output
FM IF input bypass
REG
AM IF input
GND
Tu – LED
ST – LED, AM – IF
output
FM detector
VCC
AM/FM IF buffer output,
output control SW
(muting switch)
VREG
VCC
VREG
VREG
VREG
0 V
VCC
VCC
VCC
VCC
0 V
Input impedance ri = 330 Ω
Also used for the AM noise filter
VREG = 3.6 V
Input impedance ri = 2 kΩ
Active low
Open collector
AM stereo IF output (pin 8)
Recommended detector coil: 600TEAS-8199Z
(Toko)
SA281
(Sumida)
The post-amplifier muting turns on for applied
voltages of 1.3 V and over.
The IF buffer output turns on at 4.0 V and over.
Recommended muting on control voltage: 1.9 V
Continued on next page.


Podobny numer części - LA1836

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

Podobny opis - LA1836

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com