Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1845N Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA1845N
Szczegółowy opis  Single-Chip Home Stereo IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1845N Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA1845N Datasheet HTML 1Page - Sanyo Semicon Device LA1845N Datasheet HTML 2Page - Sanyo Semicon Device LA1845N Datasheet HTML 3Page - Sanyo Semicon Device LA1845N Datasheet HTML 4Page - Sanyo Semicon Device LA1845N Datasheet HTML 5Page - Sanyo Semicon Device LA1845N Datasheet HTML 6Page - Sanyo Semicon Device LA1845N Datasheet HTML 7Page - Sanyo Semicon Device LA1845N Datasheet HTML 8Page - Sanyo Semicon Device LA1845N Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Ordering number : ENN7185
91002RM (OT) No. 5888-1/10
Overview
The LA1845N/1845NM is designed for use in mini
systems and is a single-chip tuner IC that provides
electronic tuning functions using SD/IF-count technigue.
It incorporates a pilot canceler and an adjustment-free
MUX VCO circuit, thus allows additional parts to be
reduced.
Functions
• AM:
RF amplifier, mixer, oscillator, IF amplifier,
detector, AGC, SD, oscillator buffer, IF buffer,
stereo IF output, AGC time constant switch
• FM IF: IF amplifier, quadrature detector, S-meter, SD
(signal detection), S-curve detection, IF buffer
output
• MPX:
PLL stereo decoder, stereo display, forced
monaural, VCO stop, audio muting, adjacent
channel interference rejection function, pilot
canceler
Features
• Integrated MPX VCO (ceramic resonators are no longer
required.)
• Built-in adjacent channel interference rejection function
(114 kHz, 190 kHz)
• Supports both SD and IF-count techniques
• Both FM SD sensitivity and bandwidth can be set
• Pilot canceler built in.
Package Dimensions
unit: mm
3067A-DIP24S
unit: mm
3112A-MFP24S
112
24
13
12.5
(0.75)
1.0
0.15
0.35
SANYO: MFP24S
[LA1845NM]
0.48
21.0
(0.71)
1.78
1
12
24
13
0.95
0.9
SANYO: DIP24S
[LA1845N]
LA1845N, 1845NM
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Single-Chip Home Stereo IC
Monolithic linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Podobny numer części - LA1845N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1845N SANYO-LA1845N Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
More results

Podobny opis - LA1845N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1836 SANYO-LA1836 Datasheet
535Kb / 13P
   Single-Chip Home Stereo Electronic Tuning IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com