Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2806M Arkusz danych(PDF) 5 Page - Sanyo Semicon Device

Numer części LA2806M
Szczegółowy opis  Signal Processor and Power Amplifier IC for Telephone Answering Machines
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2806M Arkusz danych(HTML) 5 Page - Sanyo Semicon Device

  LA2806M Datasheet HTML 1Page - Sanyo Semicon Device LA2806M Datasheet HTML 2Page - Sanyo Semicon Device LA2806M Datasheet HTML 3Page - Sanyo Semicon Device LA2806M Datasheet HTML 4Page - Sanyo Semicon Device LA2806M Datasheet HTML 5Page - Sanyo Semicon Device LA2806M Datasheet HTML 6Page - Sanyo Semicon Device LA2806M Datasheet HTML 7Page - Sanyo Semicon Device LA2806M Datasheet HTML 8Page - Sanyo Semicon Device LA2806M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Mode Selection
Mode
REC
ON/
OFF
LINE
ON/
OFF
PWR
ON/
OFF
INPUT
MUTE
SW1/
SW11
ICM
REC
SW2
ICM
PLAY
SW3
LINE
SW4
MIC
SW5
MUTE
SW6
PRE/
OGM
SW7
MONI
/OGM
SW8
LINE
SW9
PWR
SW10
PRE/
EQ
D1
D0
MUTE
×××××
HIGH
××××
0
×××××
ICM REC
HIGH LOW HIGH HIGH HIGH
LOW
1010
1
11010
2WAY REC
HIGH LOW LOW HIGH HIGH
LOW
1010
1
11000
DICT REC
HIGH LOW LOW HIGH LOW
LOW
1001
1
11000
2WAY BEEP
HIGH HIGH HIGH LOW HIGH
LOW
1010
1
01110
ICM OUT
LOW HIGH HIGH LOW LOW
LOW
0100
1
11111
ICM PLAY
LOW LOW HIGH LOW LOW
LOW
0100
1
11011
OGM REC
LOW LOW LOW HIGH LOW
LOW
0001
1
11000
OGM CHANGE
LOW LOW HIGH HIGH HIGH
LOW
0010
1
11010
OGM OUT
LOW HIGH HIGH LOW HIGH
LOW
0010
1
01110
OGM PLAY
LOW LOW HIGH LOW HIGH
LOW
0010
1
01010
ROOM MONI
LOW HIGH LOW HIGH LOW
LOW
0001
1
11100
ROOM OUT
LOW LOW HIGH HIGH HIGH
LOW
0010
1
11010
VOICE SELE
LOW HIGH HIGH HIGH HIGH
LOW
0010
1
10110
Conversation
recording
HIGH HIGH HIGH HIGH HIGH
LOW
1010
1
10110
Notes
2WAY BEEP : LINE OUT –6 dB
1 = ON and 0 = OFF (SW1 to SW5, SW8, SW9 and SW11)
Pin Functions
Pin No.
Pin name
Functions
1
BIAS/GAIN
Bias. Recording amplifier gain and recording bias current controled by external
resistor.
2
ICM
Incoming head input/output
3PB NF
Playback amplifier feedback. Receives negative feedback input from PRE OUT
(pin 8).
4
GND
Preamplifier ground
5
LINE
Line input
6
MIC
Microphone input
7
PRE NF
Preamplifier feedback. Receives negative feedback input from PRE OUT (pin 8).
8
PRE OUT
Preamplifier/playback amplifier output
9
ALC. CT
Automatic level control time constant adjust input
10
SIG IN
Preamplifier/playback amplifier output signal input
11
OGM/BEEP
Outgoing message/beep input
12
FIL NF
Filter amplifier negative feedback input
13
FIL OUT
Filter amplifier output
14
V. REF
Internal reference voltage output (Approx. 2.2 V)
15
VCC
Preamplifier supply
16
P.GND
Power amplifier ground
17
PWR OUT
Power amplifier output
18
P.VCC
Power amplifier supply
19
D.C
Power amplifier reference voltage output (Approx. 4/9 x P.VCC)
20
PWR IN
Power amplifier input
21
PWR MONI
Power amplifier monitor output
22
LINE OUT
Line amplifier output
23
TH
Voice-operated switch (VOX) threshold adjust input. VOX sensitivity can be adjusted
by connecting this signal to the VREF pin (pin 14) via a resistor.
24
VOX. C/MUTE
Voice-operated switch (VOX) detection and mute control
25
VOX
Voice-operated switch (VOX) open-collector output
26
D0
Incoming message, line, microphone and outgoing message/beep analog switch
control inputs.
27
D1
28
PWR ON/OFF
Power amplifier ON/OFF analog switch control input
29
LINE ON/OFF
Line amplifier ON/OFF analog switch control input
30
REC ON/OFF
Recording amplifier ON/OFF analog switch control input
LA2806M
No. 3852 - 5/11


Podobny numer części - LA2806M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
   Telephone Answering Machine
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
LA2805M SANYO-LA2805M Datasheet
248Kb / 9P
   Telephone Answering Machine Use
More results

Podobny opis - LA2806M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HA12089MP HITACHI-HA12089MP Datasheet
626Kb / 13P
   Sound Signal Processing IC for Automatic Telephone Answering System
logo
Panasonic Semiconductor
AN6182K PANASONIC-AN6182K Datasheet
60Kb / 6P
   Recording and playing amplifier IC for answering telephones
logo
Sanyo Semicon Device
LA2800N SANYO-LA2800N Datasheet
429Kb / 9P
   Telephone Answering Machine
LA2805 SANYO-LA2805 Datasheet
248Kb / 9P
   Telephone Answering Machine Use
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
LA8518NM SANYO-LA8518NM Datasheet
560Kb / 31P
   Signal Processor for Cordless Telephone Base Sets
logo
NXP Semiconductors
PCD6003 PHILIPS-PCD6003 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
PCD6001 PHILIPS-PCD6001 Datasheet
385Kb / 96P
   Digital telephone answering machine chip
2001 Apr 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com