Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2900 Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LA2900
Szczegółowy opis  Two-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2900 Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LA2900 Datasheet HTML 1Page - Sanyo Semicon Device LA2900 Datasheet HTML 2Page - Sanyo Semicon Device LA2900 Datasheet HTML 3Page - Sanyo Semicon Device LA2900 Datasheet HTML 4Page - Sanyo Semicon Device LA2900 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
No. 6950-4/5
LA2900M
2
4
6
8
10
12
0
2
3
4
5
6
7
1
Supply voltage, VCC -- V
ILA00767
ILA00769
ILA00771
ILA00768
ILA00770
ILA00772
f=1kHz
VG=8.0dB
RL=10kΩ
THD=0.1%
LPF=80kHz
0
1
2
3
4
5
6
2
5
7
0.01
2
3
5
3
0.1
2
3
5
7
1.0
7
Output voltage, VO -- Vrms
THD -- VO
f=1
0kH
z
f=1kHz
f=100Hz
Supply voltage, VCC -- V
Frequency, f -- Hz
4
6
8
10
12
14
10
14
16
18
20
22
24
12
Frequency, f -- Hz
SVRR -- Frequency
Frequency, f -- Hz
Separation -- Frequency
100
2
3
5
7
1k
2
3
5
7
10k
--80
--60
--40
--20
0
--100
--80
--60
--40
--20
0
Frequency Characteristics
VO -- VCC
VNO -- VCC
2 3
5 7 100
2 3
5 7 1k
2 3
5 7 10k
2 3
5 7100k
2
3
5 7 100
2
3
5 7 1k
2
3
5
10k
7
2
3
5
0
--1
--2
--3
--4
--5
1
2
3
4
5
Converted to 0 dB = VG 8.0 dB
VCC=9V
RL=10kΩ
VG=8.0dB
Rg=10k
VCC=9V
VO=0dBm
VG=8.0dB
RL=10k
VCC=9V
Rg=0
VCCR=100mV
DIN=AUDIO
RL=10k
VG=8.0dB
VG=8.0dB
DIN=AUDIO(20 to 20kHz)
Rg=0
RL=10kΩ
VCC=9V
VG=8.0dB
RL=10k
LPF=80kHz
Rg=600
VO=1V
VO=3V


Podobny numer części - LA2900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2901 SANYO-LA2901 Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

Podobny opis - LA2900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2901V SANYO-LA2901V Datasheet
59Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P_12 Datasheet
301Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
logo
ON Semiconductor
LV47004P-E ONSEMI-LV47004P-E Datasheet
180Kb / 11P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com