Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA2901 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA2901
Szczegółowy opis  Four-Channel High-Output Line Amplifier for Car Audio Systems
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA2901 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA2901 Datasheet HTML 1Page - Sanyo Semicon Device LA2901 Datasheet HTML 2Page - Sanyo Semicon Device LA2901 Datasheet HTML 3Page - Sanyo Semicon Device LA2901 Datasheet HTML 4Page - Sanyo Semicon Device LA2901 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
No. 7139-3/5
LA2901V
Sample Application Circuit and Block Diagram
36k
36k
36k
30k
30k
12k
36k
12k
30k
30k
36k
36k
+
+
22
µF
22
µF
LF-IN
LR-IN
Ripple
Filter
+
22
µF
22
µF
RF-IN
+
22
µF
RR-IN
+
DC-R
DC-L
--
--
+
--
+
--
+
+
--
+
--
+
--
+
--
+
--
+
+
22
µF
22
µF
+
+
+
+
+
22
µF
+
LF-OUT
LR-OUT
RF-OUT
RR-OUT
VCC
9.0V
VREF
VREF
VREF
VREF
VREF
VREF
VCC
VCC
VCC
VCC
SIGNAL
AMP
SIGNAL
AMP
LIFT
AMP
LIFT
AMP
SIGNAL
AMP
SIGNAL
AMP
--
+
--
+
--
+
ILA00923
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
X
X
Note: We recommend using resistors with tolerances of 1% or better for the 24 k
Ω and 36 kΩ feedback resistors.


Podobny numer części - LA2901

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2900 SANYO-LA2900 Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
logo
LIGITEK electronics co....
LA290B-G-PF LIGITEK-LA290B-G-PF Datasheet
120Kb / 6P
   LED ARRAY
LA290B-H-PF LIGITEK-LA290B-H-PF Datasheet
120Kb / 6P
   LED ARRAY
More results

Podobny opis - LA2901

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA2902V SANYO-LA2902V Datasheet
62Kb / 5P
   Four-Channel High-Output Line Amplifier for Car Audio Systems
LA2900M SANYO-LA2900M Datasheet
40Kb / 5P
   Two-Channel High-Output Line Amplifier for Car Audio Systems
LA47202P SANYO-LA47202P Datasheet
103Kb / 8P
   Monolithic Linear IC Four-Channel BTL Power Amplifier for Car Audio Systems
logo
ON Semiconductor
LV47022P ONSEMI-LV47022P Datasheet
284Kb / 12P
   4-Channel BTL Power Amplifier for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV47017P SANYO-LV47017P Datasheet
278Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LA47516 SANYO-LA47516 Datasheet
118Kb / 7P
   Four-Channel 50W BTL Power Amplifier for Car Stereo Systems
LV47004P SANYO-LV47004P Datasheet
290Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47011P SANYO-LV47011P Datasheet
267Kb / 10P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47004P SANYO-LV47004P_12 Datasheet
308Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
LV47009P SANYO-LV47009P Datasheet
283Kb / 11P
   For Car Audio Systems 4-Channel BTL Power Amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com