Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N2896 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N2896
Szczegółowy opis  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2896 Arkusz danych(HTML) 1 Page - Seme LAB

  2N2896 Datasheet HTML 1Page - Seme LAB 2N2896 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N2896
VCBO
Collector – Base Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VCER
Collector - Emitter Voltage
VEBO
Emitter – Base Voltage (IB = 0)
IC
Collector Current
PD
Total Device Dissipation TA = 25 °C
Derate above 25°C
PD
Total Device Dissipation TC = 25 °C
Derate above 25°C
Tstg
Storage Temperature
RθJA
Thermal Resistance Junction to Ambient
RθJC
Thermal Resistance Junction to Case
140V
90V
140V
7V
1A
0.5W
2.86mW / °C
1.8W
10.3mW / °C
–65 to 200°C
350°C/W
97°C/W
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
NPN SILICON TRANSISTOR
FEATURES
• NPN High Voltage Planar Transistor
• Hermetic TO18 Package
• Full Screening Options Available
MECHANICAL DATA
Dimensions in mm (inches)
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Document Number 5976
Issue 1
TO–18 METAL PACKAGE
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector
1
3
2
2.54 (0.100)
Nom.
0.48 (0.019)
0.41 (0.016)
dia.
5.84 (0.230)
5.31 (0.209)
4.95 (0.195)
4.52 (0.178)


Podobny numer części - 2N2896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N2896 CENTRAL-2N2896 Datasheet
33Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2896 NJSEMI-2N2896 Datasheet
78Kb / 1P
   SI NPN LO-PWR BJT
logo
Central Semiconductor C...
2N2896 CENTRAL-2N2896 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
List of Unclassifed Man...
2N2896 ETC1-2N2896 Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
TT Electronics.
2N2896X TTELEC-2N2896X Datasheet
231Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
More results

Podobny opis - 2N2896

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com