Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3904DCSM Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N3904DCSM
Szczegółowy opis  SILICON EPITAXIAL DUAL NPN TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3904DCSM Arkusz danych(HTML) 1 Page - Seme LAB

  2N3904DCSM Datasheet HTML 1Page - Seme LAB 2N3904DCSM Datasheet HTML 2Page - Seme LAB 2N3904DCSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL
DUAL NPN TRANSISTORS
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 9009
Issue 1
Page 1 of 3
2N3904DCSM
Dual Silicon Planar NPN Transistors.
Hermetic Ceramic Surface Mount Package.
Designed For General Purpose and Switching Applications.
Screening Options Available.
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
Each Side
Total Device
VCBO
Collector – Base Voltage
60V
VCEO
Collector – Emitter Voltage
40V
VEBO
Emitter – Base Voltage
6V
IC
Continuous Collector Current
200mA
PD
Total Power Dissipation at
TA = 25°C
500mW
600mW
(1)
Derate Above 25°C
2.86mW/°C
3.43mW/°C
TJ
Junction Temperature Range
-55 to +200°C
Tstg
Storage Temperature Range
-55 to +200°C
THERMAL PROPERTIES (Each Side)
Symbols
Parameters
Min.
Typ.
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
350
°C/W
Notes
Notes
Notes
Notes
(1)
Total device power dissipation limited by package.


Podobny numer części - 2N3904DCSM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
2N3904DCSM TTELEC-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
More results

Podobny opis - 2N3904DCSM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TT Electronics.
2N3904DCSM TTELEC-2N3904DCSM Datasheet
113Kb / 3P
   SILICON EPITAXIAL DUAL NPN TRANSISTORS
logo
Micro Commercial Compon...
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
   NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
   NPN Epitaxial Silicon Transistors
logo
Wing Shing Computer Com...
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
   NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
   NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
   NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
   NPN Silicon Epitaxial Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com