Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA3335 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA3335
Szczegółowy opis  PLL FM Multiplex Demodulator for 3 V Headphone Stereos and Radio-cassette Recorders
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA3335 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA3335 Datasheet HTML 1Page - Sanyo Semicon Device LA3335 Datasheet HTML 2Page - Sanyo Semicon Device LA3335 Datasheet HTML 3Page - Sanyo Semicon Device LA3335 Datasheet HTML 4Page - Sanyo Semicon Device LA3335 Datasheet HTML 5Page - Sanyo Semicon Device LA3335 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLL FM Multiplex Demodulator
for 3 V Headphone Stereos and
Radio-cassette Recorders
Overview
The LA3335M is PLL FM stereo multiplex demodulator IC
designed for use in headphone stereos, etc. which operate from
a low supply voltage.
Applications
.
FM Multiplex IC for 3 V headphones, radio-cassette
recorders
Functions
.
PLL FM stereo decoder, VCO stop, stereo indicator
Features
.
Wide operating voltage range : 1.8 to 6 V
.
Low current dissipation : 1.6 mA
.
Minimum number of external parts required
Package Dimensions
unit : mm
3086A-MFP10S
[LA3335M]
SANYO : MFP10S
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
8
V
Lamp drive current
IL max
10
mA
Allowable power dissipation
Pd max
Ta
% 70 °C
50
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
3V
Operating voltage range
VCC op
1.8 to 6
V
Input signal voltage
VIN
150
mV
Ordering number: EN2619B
Monolithic Linear IC
LA3335M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
O3096HA(II)/40594HK/O307TA,TS No.2619-1/6


Podobny numer części - LA3335

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LIGITEK electronics co....
LA3330 LIGITEK-LA3330 Datasheet
1Mb / 5P
   ROUND TYPE LED LAMPS
LA3331-PF LIGITEK-LA3331-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
logo
Siemens Semiconductor G...
LA3336-RU SIEMENS-LA3336-RU Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-S SIEMENS-LA3336-S Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
LA3336-SV SIEMENS-LA3336-SV Datasheet
52Kb / 7P
   Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED
More results

Podobny opis - LA3335

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UTCCXA1191 UTC-UTCCXA1191 Datasheet
115Kb / 7P
   FM/AM Radio (for radio-cassette tape recorders and headphone tape recorders.)
logo
Sanyo Semicon Device
LA1816 SANYO-LA1816 Datasheet
400Kb / 11P
   Single-Chip AM/FM, MPX Tuner System for Headphone Stereos, Radio-Cassette Recorders
LA3361 SANYO-LA3361 Datasheet
212Kb / 8P
   PLL FM Multiplex Stereo Demodulator
LA1186N SANYO-LA1186N Datasheet
279Kb / 5P
   FM Front End for Radio-Cassette Recorders, Music Centers
LA3370 SANYO-LA3370 Datasheet
389Kb / 11P
   PLL FM Multiplex Stereo Demodulator for Car Stereo
logo
Panasonic Semiconductor
AN7465K-S PANASONIC-AN7465K-S Datasheet
334Kb / 9P
   FM NOISE CANCELLER/STEREO MULTIPLEX DEMODULATOR FOR CAR RADIO
logo
NXP Semiconductors
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
logo
Sanyo Semicon Device
LA3373 SANYO-LA3373 Datasheet
178Kb / 4P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3376 SANYO-LA3376 Datasheet
290Kb / 12P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
LA3375 SANYO-LA3375 Datasheet
287Kb / 11P
   Pilot Cancel-Provided PLL FM MPX Demodulator for Car Stereos
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com