Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N5058 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N5058
Szczegółowy opis  NPN EPITAXIAL PLANAR BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5058 Arkusz danych(HTML) 1 Page - Seme LAB

  2N5058 Datasheet HTML 1Page - Seme LAB 2N5058 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2N5058
NPN EPITAXIAL PLANAR
BIPOLAR TRANSISTOR
FEATURES
• SILICON PLANAR EPITAXIAL NPN
TRANSISTOR
• CECC SCREENING OPTIONS
• JAN LEVEL SCREENING OPTIONS
APPLICATIONS:
• General Purpose Amplifier
• High Voltage
VCEO
Collector – Emitter Voltage (IB = 0)
VCBO
Collector – Base Voltage (IE = 0)
VEBO
Emitter – Base Voltage (IC = 0)
IC
Collector Current
PD
Total Device Dissipation @ TA = 25°C
Derate above 25°C
PD
Total Device Dissipation @ TC = 25°C
Derate above 25°C
TJ , TSTG
Operating and Storage Junction Temperature Range
300V
300V
7V
150mA
1.0W
6.67mW / °C
5.0W
33.3mW / °C
–65 to +200°C
MECHANICAL DATA
Dimensions in mm (inches)
TO–39 (TO-205AD) PACKAGE
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
PIN 1 – Emitter
Underside View
PIN 2 – Base
PIN 3 – Collector
0.89
(0.035)
max.
12.70
(0.500)
min.
0.41 (0.016)
0.53 (0.021)
dia.
5.08 (0.200)
typ.
0.71 (0.028)
0.86 (0.034)
2.54
(0.100)
45°
6.10 (0.240)
6.60 (0.260)
8.51 (0.34)
9.40 (0.37)
7.75 (0.305)
8.51 (0.335)
1
2
3
0.74 (0.029)
1.14 (0.045)
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 5530
Issue 1


Podobny numer części - 2N5058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N5058 CENTRAL-2N5058 Datasheet
81Kb / 2P
   NPN SILICON TRANSISTOR
2N5058 CENTRAL-2N5058 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5058 ETC-2N5058 Datasheet
347Kb / 8P
   Power Transistors
logo
New Jersey Semi-Conduct...
2N5058 NJSEMI-2N5058 Datasheet
174Kb / 1P
   NPN TO-39/TO-5
More results

Podobny opis - 2N5058

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
2STC5949 STMICROELECTRONICS-2STC5949 Datasheet
144Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2ST5949_0807 STMICROELECTRONICS-2ST5949_0807 Datasheet
145Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4468 STMICROELECTRONICS-2STW4468 Datasheet
190Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STC5948 STMICROELECTRONICS-2STC5948 Datasheet
160Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2ST5949 STMICROELECTRONICS-2ST5949 Datasheet
144Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4468 STMICROELECTRONICS-2STW4468_08 Datasheet
163Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STW4466 STMICROELECTRONICS-2STW4466 Datasheet
224Kb / 10P
   High power NPN epitaxial planar bipolar transistor
2SC5200 STMICROELECTRONICS-2SC5200 Datasheet
157Kb / 8P
   High power NPN epitaxial planar bipolar transistor
2STW4466 STMICROELECTRONICS-2STW4466_08 Datasheet
164Kb / 9P
   High power NPN epitaxial planar bipolar transistor
2STC5948_0807 STMICROELECTRONICS-2STC5948_0807 Datasheet
160Kb / 8P
   High power NPN epitaxial planar bipolar transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com