Zakładka z wyszukiwarką danych komponentów |
|
2N5153-220M Arkusz danych(PDF) 2 Page - Seme LAB |
|
2N5153-220M Arkusz danych(HTML) 2 Page - Seme LAB |
2 / 3 page µA mA µA µA mA V pF µs µs Rthj-case Rthj-amb 7 40 Parameter Test Conditions Min. Typ. Max. Unit Thermal Resistance Junction-case Max Thermal Resistance Junction-ambient Max °C/W °C/W -1 -1 -500 -50 -1 -1 80 -0.75 -1.5 -1.45 -2.2 -1.45 20 30 90 20 15 250 20 3 0.5 1.3 2N5151-220M 2N5153-220M Document Number 3630 Issue 1 Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to verify that datasheets are current before placing orders. ICES ICEV ICEO IEBO VCEO(SUS) VCE(sat) VBE(sat) VBE hFE CCBO hFE ton toff Collector Cut Off Current Collector Cut Off Current Collector Cut Off Current Emitter Cut Off Current Collector Emitter Saturation Voltage Collector Emitter Saturation Voltage Base Emitter Saturation Voltage Base Emitter Voltage DC Current Gain Collector Base Capacitance Small Signal Current Gain Turn On Time Turn Off Time VCE = -60V VBE = 0 VCE = -100V VBE = 0 VCE = -60V Tcase = 150°C VBE = 2V VCE = -40V IB = 0 VEB = -4V IC = 0 VEB = -5.5V IC = 0 IC = -100mA IB = 0 IC = -2.5A IB = -250mA IC = -5A IB = -500mA IC = -2.5A IB = -250mA IC = -5A IB = -500mA IC = -2.5A VCE = -5V IC = -50mA VCE = -5V IC = -2.5A VCE = -5V IC = -5A VCE = -5v Tcase = -55°C IC =2.5A VCE = -5V IE = 0 VCB = -10V f = 1MHz IC = -0.1A VCE = -5V f = 1KHz IC = -0.5A VCE = -5v f = 20MHz IC = -5A VCC = 30v IB1 = -0.5A IC = -5A VCC = 30V IB1=-IB2 = 0.5A ELECTRICAL CHARACTERISTICS FOR 2N5151-220M (Tcase = 25°C unless otherwise stated) * Pulse test tp = 300µs , δ < 2% THERMAL DATA |
Podobny numer części - 2N5153-220M |
|
Podobny opis - 2N5153-220M |