Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP400G-CE Arkusz danych(PDF) 1 Page - Seme LAB

Numer części SMP400G-CE
Szczegółowy opis  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP400G-CE Arkusz danych(HTML) 1 Page - Seme LAB

  SMP400G-CE Datasheet HTML 1Page - Seme LAB SMP400G-CE Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMP400G-CE
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP400G is a Silicon P.I.N. photodiode specifically
designed for optical fibre communication. The device is
incorporated in a compact, low profile, hermetic metal can
package.
A glass bead lens incorporated into the TO-46 case
provides an efficient optical design. This affords substantial
mis-alignment between the device and a fibre optic cable
without degrading the coupling efficiency.
The electrical terminations are via three leads of
diameter 0.02" on a pitch of 0.1". Both cathode and anode
connections to the photodiode are electrically isolated from
the package.
TO-18 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• LARGE NUMERICAL APERTURE FOR EASE
OF COUPLING TO FIBRE OPTIC CABLES
• LOW NOISE
• WIDE INTRINSIC BANDWIDTH
• EXCELLENT LINEARITY
• LOW LEAKAGE CURRENT
• LOW CAPACITANCE
• TO-46 HERMETIC METAL CAN PACKAGE
Pin 1 – Anode
Pin 2 – Cathode
Pin 3 – Case
Cathode
Anode
Case
1
2
3
1
2
3
2.54
Ø 5.4
Ø 4.7
Ø 0.45
Lead


Podobny numer części - SMP400G-CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SMP400G-CA SEME-LAB-SMP400G-CA Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CB SEME-LAB-SMP400G-CB Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CC SEME-LAB-SMP400G-CC Datasheet
37Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-CD SEME-LAB-SMP400G-CD Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
More results

Podobny opis - SMP400G-CE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com