Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP550G-EL Arkusz danych(PDF) 1 Page - Seme LAB

Numer części SMP550G-EL
Szczegółowy opis  P.I.N. PHOTODIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SMP550G-EL Arkusz danych(HTML) 1 Page - Seme LAB

  SMP550G-EL Datasheet HTML 1Page - Seme LAB SMP550G-EL Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMP550G-EL
Prelim. 1/98
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
21
SENSITIVE
SURFACE
Ø 0.45
LEAD
Ø 9.1 ± 0.2
Ø 8.1 ± 0.1
WINDOW
Ø 5.9 ± 0.1
5.08 ± 0.2
MECHANICAL DATA
Dimensions in mm.
P.I.N. PHOTODIODE
DESCRIPTION
The SMP550G-EL is a Silicon P.I.N. photodiode
incorporated in a hermetic metal can package. The
electrical terminations are via two leads of diameter 0.018"
on a pitch centre diameter of 0.2". The can structure
incorporates an photoptic response optical filter with peak
transmission at 510nm. The cathode of the photodiode is
electrically connected to the package.
The larger photodiode active area provides greater
sensitivity than the SMP400 range of devices, with a
corresponding reduction in speed. The photodiode
structure has been optimised for high sensitivity, light
measurement applications. The metal can and optional
screening mesh ensure a rugged device with a high
degree of immunity to radiated electrical interference.
TO-39 Package
Operating temperature range
Storage temperature range
Temperature coefficient of responsively
Temperature coefficient of dark current
Reverse breakdown voltage
-40°C to +70°C
-45°C to +80°C
0.35% per °C
x2 per 8°C rise
60V
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C unless otherwise stated)
FEATURES
• EYE RESPONSE DETECTION
• EXCELLENT LINEARITY
• LOW NOISE
• WIDE SPECTRAL RESPONSE
• LOW LEAKAGE CURRENT
• LOW CAPACITANCE
• BG18 INTEGRAL OPTICAL FILTER
• TO39 HERMETIC METAL CAN PACKAGE
• EMI SCREENING MESH AVAILABLE
Pin 1 – Anode
Pin 2 – Cathode & Case.


Podobny numer części - SMP550G-EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SMP550G-EJ SEME-LAB-SMP550G-EJ Datasheet
66Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-EK SEME-LAB-SMP550G-EK Datasheet
66Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-EM SEME-LAB-SMP550G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-EN SEME-LAB-SMP550G-EN Datasheet
28Kb / 2P
   P.I.N. PHOTODIODE
More results

Podobny opis - SMP550G-EL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SMP600G-EN SEME-LAB-SMP600G-EN Datasheet
25Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X3 SEME-LAB-SMP550G-X3 Datasheet
56Kb / 2P
   P.I.N. PHOTODIODE
SMP600G-EM SEME-LAB-SMP600G-EM Datasheet
69Kb / 2P
   P.I.N. PHOTODIODE
SMP400G-X1 SEME-LAB-SMP400G-X1 Datasheet
52Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-FJ SEME-LAB-SMP525G-FJ Datasheet
77Kb / 4P
   P.I.N. PHOTODIODE
SMP525G-FM SEME-LAB-SMP525G-FM Datasheet
82Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-FL SEME-LAB-SMP550G-FL Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-FM SEME-LAB-SMP550G-FM Datasheet
71Kb / 2P
   P.I.N. PHOTODIODE
SMP525G-EK SEME-LAB-SMP525G-EK Datasheet
76Kb / 4P
   P.I.N. PHOTODIODE
SMP550G-X2 SEME-LAB-SMP550G-X2 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
SMP550G-X4 SEME-LAB-SMP550G-X4 Datasheet
26Kb / 2P
   P.I.N. PHOTODIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com