Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79C3V3 Arkusz danych(PDF) 2 Page - Seme LAB

Numer części BZX79C3V3
Szczegółowy opis  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX79C3V3 Arkusz danych(HTML) 2 Page - Seme LAB

  BZX79C3V3 Datasheet HTML 1Page - Seme LAB BZX79C3V3 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BZX79C Series
BZX79C2V4
2.4
2.2
2.6
155
100
1.0
50
600
1.0
BZX79C2V7
2.7
2.5
2.9
135
100
1.0
20
600
1.0
BZX79C3V0
3.0
2.8
3.2
125
95
1.0
10
600
1.0
BZX79C3V3
3.3
3.1
3.5
115
95
1.0
5.0
600
1.0
BZX79C3V6
3.6
3.4
3.8
105
90
1.0
5.0
600
1.0
BZX79C3V9
3.9
3.7
4.1
95
90
1.0
3.0
600
1.0
BZX79C4V3
4.3
4.0
4.6
90
90
1.0
3.0
600
1.0
BZX79C4V7
4.7
4.4
5.0
85
80
2.0
3.0
500
1.0
BZX79C5V1
5.1
4.8
5.4
80
60
2.0
2.0
480
1.0
BZX79C5V6
5.6
5.2
6.0
70
40
2.0
1.0
400
1.0
BZX79C6V2
6.2
5.8
6.6
64
10
4.0
3.0
150
1.0
BZX79C6V8
6.8
6.4
7.2
58
15
4.0
2.0
80
1.0
BZX79C7V5
7.5
7.0
7.9
53
15
5.0
1.0
80
1.0
BZX79C8V2
8.2
7.7
8.7
47
15
5.0
0.7
80
1.0
BZX79C9V1
9.1
8.5
9.6
43
15
6.0
0.5
100
1.0
BZX79C10
10
9.4
10.6
40
20
7.0
0.2
150
1.0
BZX79C11
11
10.4
11.6
36
20
8.0
0.1
150
1.0
BZX79C12
12
11.4
12.7
32
25
8.0
0.1
150
1.0
BZX79C13
13
12.4
14.1
29
30
8.0
0.1
170
1.0
BZX79C15
15
13.8
15.6
27
30
10
0.05
200
1.0
BZX79C16
16
15.3
17.1
24
40
11
0.05
200
1.0
BZX79C18
18
16.8
19.1
21
45
13
0.05
225
1.0
BZX79C20
20
18.8
21.2
20
55
14
0.05
225
1.0
BZX79C22
22
20.8
23.3
18
55
15
0.05
250
1.0
BZX79C24
24
22.8
25.6
16
70
17
0.05
250
1.0
BZX79C27
27
25.1
28.9
14
80
19
0.05
300
0.5
BZX79C30
30
28
32
13
80
21
0.05
300
0.5
BZX79C33
33
31
35
12
80
23
0.05
325
0.5
BZX79C36
36
34
38
11
90
25
0.05
350
0.5
BZX79C39
39
37
41
10
130
27
0.05
350
0.5
BZX79C43
43
40
46
9.2
150
29
0.05
375
0.5
BZX79C47
47
44
50
8.5
170
33
0.05
375
0.5
BZX79C51
51
48
54
7.8
180
36
0.05
400
0.5
BZX79C56
56
52
60
7.0
200
39
0.05
425
0.5
BZX79C62
62
58
66
6.4
215
43
0.05
450
0.5
BZX79C68
68
64
72
5.9
240
48
0.05
475
0.5
BZX79C75
75
70
79
5.3
255
52
0.05
500
0.5
BZX79C82
82
77
87
4.9
280
62
0.05
525
0.5
BZX79C91
91
85
96
4.4
300
69
0.05
550
0.5
BZX79C100
100
94
106
4.0
500
76
0.05
600
0.5
Product
VZ nom.
VZ min.
VZ max.
IZ max.
ZZ max.
VR test
IR max.
RZK max/IZK max
(V)
(V)
(V)
(mA)
(
Ω)
(V)
(
µA)
(
Ω)
(mA)
(25°C)
TABLE 1 – TYPE VARIANTS & TEST PARAMETERS
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab encourages customers to verify that datasheets are current before placing orders.
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Document Number 4036
Issue 1


Podobny numer części - BZX79C3V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
BZX79C3V3 FAIRCHILD-BZX79C3V3 Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
Continental Device Indi...
BZX79C3V3 CDIL-BZX79C3V3 Datasheet
172Kb / 4P
   SILICON GLASS PASSIVATED 0.5WATT ZENER DIODES
logo
Fairchild Semiconductor
BZX79C3V3 FAIRCHILD-BZX79C3V3 Datasheet
47Kb / 5P
   Zeners
logo
New Jersey Semi-Conduct...
BZX79C3V3 NJSEMI-BZX79C3V3 Datasheet
132Kb / 2P
   ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79C3V3 EIC-BZX79C3V3 Datasheet
36Kb / 2P
   ZENER DIODES
More results

Podobny opis - BZX79C3V3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
   PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
1N6642CSM SEME-LAB-1N6642CSM Datasheet
16Kb / 1P
   SWITCHING DIODE IN A CERAMIC SURFACE MOUNT
1N6638CSM SEME-LAB-1N6638CSM Datasheet
17Kb / 1P
   SWITCHING DIODE IN A CERAMIC SURFACE MOUNT
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
   0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
IP137MAHV-LCC4 SEME-LAB-IP137MAHV-LCC4 Datasheet
14Kb / 2P
   0.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHV-LCC4 SEME-LAB-IP117MAHV-LCC4 Datasheet
18Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
IP117MAHVE SEME-LAB-IP117MAHVE_07 Datasheet
29Kb / 2P
   0.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR IN CERAMIC SURFACE MOUNT PACKAGE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com