Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS-BT2416C1.H Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części GS-BT2416C1.H
Szczegółowy opis  Bluetooth짰 class 1 module with embedded HCI FW
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1.H Arkusz danych(HTML) 1 Page - STMicroelectronics

  GS-BT2416C1.H Datasheet HTML 1Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 2Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 3Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 4Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1.H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
May 2008
Rev 2
1/19
19
GS-BT2416C1.H
Bluetooth® class 1 module with embedded HCI FW
Features
Bluetooth® specification V.1.2 compliant
Transmission rate up to 721 Kbps
Output power class 1 ( 20 dBm max)
Working distance up to 100 meters
ACL and SCO links
AFH interference resistance
Supports USB (1.1) /UART/PCM (pulse code
modulation)/SPI/ I²C interfaces
Optimized link manager and control
Support wireless LAN coexistence in
collocated scenario
Integrated 4 Mbit Flash, 64 Kbytes RAM,
4 Kbytes ROM
3.3 V single supply voltage
Hardware based UART flow control
Applications
Serial cable replacement
Industrial control
Laptops
POS terminals
Data acquisition equipment
Internet access points
Machine control
Sensor monitoring
Robotic and bionic control
Security control
Patient monitoring
Audio gateway applications
Hands-free sets
Wireless printers
Cordless terminals
Laptops, PCs and accessories
Hand held devices and accessories
HID devices (keyboard, mouse, joystick, game
controller...)
Description
ST Bluetooth® modules are highly integrated for
easy implementation in embedded applications.
Class 1 modules enable wireless communication
with other Bluetooth® enabled devices up to
100 m away. The GS-BT2416C1.H integrates on
a unique FR4 PCB support: BT 1.2 radio and
baseband, memory, 32 kHz and 13 MHz
oscillator, Vreg as well PA function. The module
embeds customer framework up to HCI level
allowing interoperability with HCI top resident on
Host. The antenna has not been included in order
to grant a degree of freedom to the user in
selecting the most suitable design and placement
between external and integrated antenna that
could be SMA aerial or a low cost antenna trace
designed on PCB. For more details pleas refer to
GS-BT2416C1DB application note. The
GS-BT2416C1.H is the HCI module of the
GS-BT2416C1.xx series. GS-BT2416C1.H is
BQB pre-qualified. Conformance testing through
Bluetooth® qualification program enables a fast
time to market after system integration by
ensuring a high degree of compliance and
interoperability.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Podobny numer części - GS-BT2416C1.H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-BT2416C1.A STMICROELECTRONICS-GS-BT2416C1.A Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
More results

Podobny opis - GS-BT2416C1.H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com