Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LD2982BXX18 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części LD2982BXX18
Szczegółowy opis  Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD2982BXX18 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button LD2982BXX18 Datasheet HTML 7Page - STMicroelectronics LD2982BXX18 Datasheet HTML 8Page - STMicroelectronics LD2982BXX18 Datasheet HTML 9Page - STMicroelectronics LD2982BXX18 Datasheet HTML 10Page - STMicroelectronics LD2982BXX18 Datasheet HTML 11Page - STMicroelectronics LD2982BXX18 Datasheet HTML 12Page - STMicroelectronics LD2982BXX18 Datasheet HTML 13Page - STMicroelectronics LD2982BXX18 Datasheet HTML 14Page - STMicroelectronics LD2982BXX18 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
LD2982BXX18
Application notes
Doc ID 8188 Rev 7
11/17
6
Application notes
6.1
External capacitors
Like any low-dropout regulator, the LD2982 requires external capacitors for regulator
stability. This capacitor must be selected to meet the requirements of minimum capacitance
and equivalent series resistance. We suggest to solder input and output capacitors as close
as possible to the relative pins.
6.2
Input capacitor
An input capacitor whose value is 1 µF is required with the LD2982 (amount of capacitance
can be increased without limit). This capacitor must be located a distance of not more than
0.5" from the input pin of the device and returned to a clean analog ground. Any good quality
ceramic, tantalum or film capacitors can be used for this capacitor.
6.3
Output capacitor
The LD2982 is designed specifically to work with ceramic output capacitors. It may also be
possible to use tantalum capacitors, but these are not as attractive for reasons of size and
cost. By the way, the output capacitor must meet both the requirement for minimum amount
of capacitance and ESR (equivalent series resistance) value. Due to the different loop gain,
the stability improves for higher output versions and so the suggested minimum output
capacitor value, if low ESR ceramic type is used, is 1 µF for output voltages equal or major
than 3.8 V, 2.2 µF for VO going from 1.8 to 3.3 V, and 3.3 µF for the other versions. However,
if an output capacitor lower than the suggested one is used, it's possible to make stable the
regulator adding a resistor in series to the capacitor.
6.4
Important
The output capacitor must maintain its ESR in the stable region over the full operating
temperature to assure stability. Also, capacitor tolerance and variation with temperature
must be considered to assure the minimum amount of capacitance is provided at all times.
This capacitor should be located not more than 0.5" from the output pin of the device and
returned to a clean analog ground.
6.5
Inhibit input operation
The inhibit pin can be used to turn OFF the regulator when pulled low, so drastically
reducing the current consumption down to less than 1 µA. When the inhibit feature is not
used, this pin must be tied to VI to keep the regulator output ON at all times. To assure
proper operation, the signal source used to drive the inhibit pin must be able to swing above
and below the specified thresholds listed in the electrical characteristics section under VIH
VIL. Any slew rate can be used to drive the inhibit.


Podobny numer części - LD2982BXX18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD2982BXX18 STMICROELECTRONICS-LD2982BXX18 Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
More results

Podobny opis - LD2982BXX18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LD2985AXX STMICROELECTRONICS-LD2985AXX Datasheet
340Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2985AXX STMICROELECTRONICS-LD2985AXX_09 Datasheet
344Kb / 21P
   Very low drop and low noise voltage regulator low ESR capacitors compatible, with inhibit function
LD2982AXX STMICROELECTRONICS-LD2982AXX Datasheet
329Kb / 20P
   Very low drop and low noise voltage regulator with inhibit function, low ESR capacitors compatible
LD2982 STMICROELECTRONICS-LD2982 Datasheet
296Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR WITH INHIBIT FUNCTION, LOW ESR CAP. COMPATIBLE
logo
Unisonic Technologies
LD1985 UTC-LD1985_05 Datasheet
424Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
E-Tech Electronics LTD
LD1985 ETL-LD1985 Datasheet
294Kb / 9P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985_V01 Datasheet
359Kb / 16P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE,WITH INHIBIT FUNCTION
logo
STMicroelectronics
LD2985 STMICROELECTRONICS-LD2985 Datasheet
301Kb / 13P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
logo
Unisonic Technologies
LD2985 UTC-LD2985 Datasheet
148Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
LD1985 UTC-LD1985_10 Datasheet
253Kb / 10P
   VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com