Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4Z28-BR00SH1TR Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części M4Z28-BR00SH1TR
Szczegółowy opis  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z28-BR00SH1TR Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button M4Z28-BR00SH1TR Datasheet HTML 7Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 8Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 9Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 10Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 11Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 12Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 13Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 14Page - STMicroelectronics M4Z28-BR00SH1TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
M4Z28-BR00SH, M4Z32-BR00SH
Package mechanical data
11/16
5
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 5.
SH – 4-pin SNAPHAT® housing for 48 mAh battery package outline
Note:
Drawing is not to scale.
Table 4.
SH – 4-pin SNAPHAT® housing for 48 mAh battery package mech. data
SHZP-A
A1
A
D
E
eA
eB
A2
B
L
A3
Symbol
mm
inches
Typ
Min
Max
Typ
Min
Max
A
9.78
0.385
A1
6.73
7.24
0.265
0.285
A2
6.48
6.99
0.255
0.275
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
14.22
14.99
0.560
0.590
eA
15.55
15.95
0.612
0.628
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090


Podobny numer części - M4Z28-BR00SH1TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z28-BR00SH1TR STMICROELECTRONICS-M4Z28-BR00SH1TR Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
More results

Podobny opis - M4Z28-BR00SH1TR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com