Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4T32-BR12SH6 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części M4T32-BR12SH6
Szczegółowy opis  TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4T32-BR12SH6 Arkusz danych(HTML) 5 Page - STMicroelectronics

  M4T32-BR12SH6 Datasheet HTML 1Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 2Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 3Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 4Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 5Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 6Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 7Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 8Page - STMicroelectronics M4T32-BR12SH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
M4T28-BR12SH, M4T32-BR12SH
Description
5/16
1
Description
The M4TXX-BR12SH SNAPHAT® top is a detachable lithium power source for ST’s non-
volatile TIMEKEEPER® surface-mount SOIC (MH) package (28- and 44-pin).
The SNAPHAT top contains both the battery and crystal and is designed to be “snapped on”
after the SOIC is surface mounted on the PC board. Thus the two piece solution prevents
the battery and crystal from being exposed to the high temperatures of the surface mount
process.
Figure 1.
Logic diagram
Table 1.
Signal names
X1
Crystal input
X2
Crystal output
VBAT–
Negative voltage
VBAT+
Positive voltage
AI02528
SNAPHAT
VBAT–
VBAT+
X1
X2


Podobny numer części - M4T32-BR12SH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T32-BR12SH6 STMICROELECTRONICS-M4T32-BR12SH6 Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T32-BR12SH6 STMICROELECTRONICS-M4T32-BR12SH6 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M4T32-BR12SH6 STMICROELECTRONICS-M4T32-BR12SH6 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M4T32-BR12SH6 STMICROELECTRONICS-M4T32-BR12SH6 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
M4T32-BR12SH6TR STMICROELECTRONICS-M4T32-BR12SH6TR Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
More results

Podobny opis - M4T32-BR12SH6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z28-BR00SH STMICROELECTRONICS-M4Z28-BR00SH_09 Datasheet
234Kb / 16P
   ZEROPOWER짰 SNAPHAT짰 (battery)
M4T28-BR12SH1 STMICROELECTRONICS-M4T28-BR12SH1 Datasheet
135Kb / 16P
   TIMEKEEPER SNAPHAT (battery and crystal)
logo
Texas Instruments
BQ48SH-28X6 TI-BQ48SH-28X6 Datasheet
96Kb / 6P
[Old version datasheet]   SNAPHAT WITH INTEGRATED BATTERY AND CRYSTAL
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y_07 Datasheet
318Kb / 35P
   5.0 or 3.3V TIMEKEEPER짰 supervisor
M4TXX-BR12SH STMICROELECTRONICS-M4TXX-BR12SH Datasheet
51Kb / 7P
   TIMEKEEPER SNAPHAT Battery & Crystal
November 1999
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_03 Datasheet
172Kb / 12P
   TIMEKEEPER SNAPHAT (BATTERY & CRYSTAL)
M48T201Y STMICROELECTRONICS-M48T201Y_09 Datasheet
317Kb / 37P
   5.0 or 3.3 V TIMEKEEPER짰 supervisor
M48T35AV STMICROELECTRONICS-M48T35AV_07 Datasheet
250Kb / 28P
   3.3V, 256Kbit (32Kbit x 8) TIMEKEEPER짰 SRAM
M41T00CAP STMICROELECTRONICS-M41T00CAP Datasheet
385Kb / 27P
   Serial access real-time clock (RTC) with integral backup battery and crystal
M48T08 STMICROELECTRONICS-M48T08_07 Datasheet
259Kb / 30P
   5V, 64Kbit (8 Kb x 8) TIMEKEEPER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com