Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M4Z32-BR00SH1 Arkusz danych(PDF) 9 Page - STMicroelectronics

Numer części M4Z32-BR00SH1
Szczegółowy opis  ZEROPOWER짰 SNAPHAT짰 (battery)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M4Z32-BR00SH1 Arkusz danych(HTML) 9 Page - STMicroelectronics

Back Button M4Z32-BR00SH1 Datasheet HTML 5Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 6Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 7Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 8Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 9Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 10Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 11Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 12Page - STMicroelectronics M4Z32-BR00SH1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M4Z28-BR00SH, M4Z32-BR00SH
Maximum ratings
9/16
3
Maximum ratings
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 2.
Absolute maximum ratings
Caution:
Do NOT wave solder SOIC to avoid damaging SNAPHAT® sockets.
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
–40 to 85
°C
TSTG
Storage temperature (VCC off, oscillator off)
–40 to 85
°C


Podobny numer części - M4Z32-BR00SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
49Kb / 7P
   ZEROPOWER SNAPHAT Battery
November 1999
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
163Kb / 12P
   ZEROPOWER SNAPHAT (BATTERY)
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
221Kb / 25P
   5V or 3V NVRAM supervisor for up to 8 LPSRAMs
M4Z32-BR00SH1 STMICROELECTRONICS-M4Z32-BR00SH1 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
More results

Podobny opis - M4Z32-BR00SH1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M4T28-BR12SH STMICROELECTRONICS-M4T28-BR12SH_08 Datasheet
139Kb / 16P
   TIMEKEEPER짰 SNAPHAT짰 (battery and crystal)
M48Z08 STMICROELECTRONICS-M48Z08_05 Datasheet
283Kb / 16P
   5V, 64 Kbit (8Kb x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
   5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER짰 SRAM
M48Z512A STMICROELECTRONICS-M48Z512A_10 Datasheet
341Kb / 21P
   4 Mbit (512 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
   256 Kbit (32 Kbit x 8) ZEROPOWER짰 SRAM
M48Z35AV STMICROELECTRONICS-M48Z35AV Datasheet
223Kb / 24P
   5.0V or 3.3V, 256Kbit (32Kbit x 8) ZEROPOWER짰 SRAM
M48Z08 STMICROELECTRONICS-M48Z08_10 Datasheet
323Kb / 20P
   5 V, 64 Kbit (8 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_11 Datasheet
343Kb / 22P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
M48Z02 STMICROELECTRONICS-M48Z02_10 Datasheet
335Kb / 21P
   5 V, 16 Kbit (2 Kb x 8) ZEROPOWER짰 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com