Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3347DCSM Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N3347DCSM
Szczegółowy opis  Dual Bipolar PNP Devices in a hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3347DCSM Arkusz danych(HTML) 1 Page - Seme LAB

  2N3347DCSM Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N3347DCSM
Dual Bipolar PNP Devices.
V
CEO =
45V
I
C = 0.03A
All Semelab hermetically sealed products can
be processed in accordance with the
requirements of BS, CECC and JAN, JANTX,
JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
0.03
A
h
FE
@ 5/10u (V
CE / IC)
40
300
-
f
t
60M
Hz
P
D
0.6
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
2-Aug-02
Dual Bipolar PNP Devices in a
hermetically sealed
LCC2 Ceramic Surface Mount
Package for High Reliability
Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
1
2
6
3
4
5
0.23
(0.009)
1.40 ± 0.15
(0.055 ± 0.006)
1.65 ± 0.13
(0.065 ± 0.005)
2.29 ± 0.20
(0.09 ± 0.008)
rad.
A
1.27 ± 0.13
(0.05 ± 0.005)
A =
6.22 ± 0.13
(0.245 ± 0.005)
LCC2 (MO-041BB)
Pinouts
Pin 1 – Collector 1
Pin 4 – Collector 2
Pin 2 – Base 1
Pin 5 – Emitter 2
Pin 3 – Base 2
Pin 6 – Emitter 1


Podobny numer części - 2N3347DCSM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
New Jersey Semi-Conduct...
2N3347 NJSEMI-2N3347 Datasheet
122Kb / 3P
   Doubles transistors PNP silicium Planar epitaxiaux
More results

Podobny opis - 2N3347DCSM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N1132DCSM SEME-LAB-2N1132DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N2906ADCSM SEME-LAB-2N2906ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
BC212DCSM SEME-LAB-BC212DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N2904DCSM SEME-LAB-2N2904DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3804ADCSM SEME-LAB-2N3804ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3805ADCSM SEME-LAB-2N3805ADCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N4928DCSM SEME-LAB-2N4928DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
BC477DCSM SEME-LAB-BC477DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3805DCSM SEME-LAB-2N3805DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
2N3349DCSM SEME-LAB-2N3349DCSM Datasheet
15Kb / 1P
   Dual Bipolar PNP Devices in a hermetically sealed
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com