Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N3421ASMD05 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części 2N3421ASMD05
Szczegółowy opis  Bipolar NPN Device in a Hermetically sealed
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N3421ASMD05 Arkusz danych(HTML) 1 Page - Seme LAB

  2N3421ASMD05 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
1
3
2.41 (0.095)
(0.030)
min.
0.127 (0.005)
(0.296)
3.175 (0.125)
Max.
0.50 (0.020)
max.
7.54
0.76
2.41 (0.095)
0.127 (0.005)
(0.286)
7.26
16 PLCS
0.50(0.020)
0.127 (0.005)
2N3421ASMD05
Bipolar NPN Device.
V
CEO =
80V
I
C = 5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
5
A
h
FE
@ 2/1 (V
CE / IC)
40
120
-
f
t
40M
Hz
P
D
0.8
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
15-Aug-02
Bipolar NPN Device in a
Hermetically sealed
Ceramic Surface Mount
Package for High
Reliability Applications
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
PINOUTS
1 – Base
2 – Collector
3 – Emitter
SMD0.5 (TO276AA)


Podobny numer części - 2N3421ASMD05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3421ASMD SEME-LAB-2N3421ASMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
More results

Podobny opis - 2N3421ASMD05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3997SMD05 SEME-LAB-2N3997SMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N4911XSMD05 SEME-LAB-2N4911XSMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N5666SMD SEME-LAB-2N5666SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N5784SMD SEME-LAB-2N5784SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N5784SMD05 SEME-LAB-2N5784SMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
BFX34SMD SEME-LAB-BFX34SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
BUL55ASMD SEME-LAB-BUL55ASMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N3879SMD SEME-LAB-2N3879SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N3996SMD SEME-LAB-2N3996SMD Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N3420SMD05 SEME-LAB-2N3420SMD05 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
2N3998SMD05 SEME-LAB-2N3998SMD05 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com