Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4587 Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LA4587
Szczegółowy opis  Preamplifier Power Amplifier for 1.5 V Headphone Stereos
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4587 Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4587 Datasheet HTML 4Page - Sanyo Semicon Device LA4587 Datasheet HTML 5Page - Sanyo Semicon Device LA4587 Datasheet HTML 6Page - Sanyo Semicon Device LA4587 Datasheet HTML 7Page - Sanyo Semicon Device LA4587 Datasheet HTML 8Page - Sanyo Semicon Device LA4587 Datasheet HTML 9Page - Sanyo Semicon Device LA4587 Datasheet HTML 10Page - Sanyo Semicon Device LA4587 Datasheet HTML 11Page - Sanyo Semicon Device LA4587 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Continued from preceding page.
Unit (resistance:
Ω, capacitance: F)
Pin No.
Pin name
Pin voltage
[V]
Internal equivalent circuit
Remarks
37
41
POWER MUTE SW
Low Boost SW
c When pin 37 is grounded,
mute is on.
c When pin 41 is floating, low
boost is on.
38
POWER SW
c Power on when grounded.
39
40
FWD/REV SW
METAL SW
c When pin 39 is floating: FWD
mode; when grounded: REV
mode.
c When pin 40 is in FL mode:
metal on.
44
R.F REF
1.13
c RF is referenced hereto. An
external capacitor can be
used to vary RF SVRR.
46
R.F BASE
0.5
c Used for external PNP
transistor base drive.
LA4587M
No.5204-8/18


Podobny numer części - LA4587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4580 SANYO-LA4580 Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4580M SANYO-LA4580M Datasheet
355Kb / 8P
   2-Channel Preamp Power Amp 3V Headphone Use
LA4581 SANYO-LA4581 Datasheet
216Kb / 8P
   Preamplifier Power Amplifier for 3V Headphone Stereos
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
   Preamplifier Power Amplifier for 3V Headphone Stereos
LA4582 SANYO-LA4582 Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
More results

Podobny opis - LA4587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4581MB SANYO-LA4581MB Datasheet
216Kb / 8P
   Preamplifier Power Amplifier for 3V Headphone Stereos
LA4592W SANYO-LA4592W Datasheet
161Kb / 5P
   1.5-V Preamplifier Power Amplifier for Headphone Stereo Products
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537MC SANYO-LA4537MC Datasheet
147Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com