Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4628 Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA4628
Szczegółowy opis  Two-Channel 20 W BTL Audio Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4628 Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA4628 Datasheet HTML 1Page - Sanyo Semicon Device LA4628 Datasheet HTML 2Page - Sanyo Semicon Device LA4628 Datasheet HTML 3Page - Sanyo Semicon Device LA4628 Datasheet HTML 4Page - Sanyo Semicon Device LA4628 Datasheet HTML 5Page - Sanyo Semicon Device LA4628 Datasheet HTML 6Page - Sanyo Semicon Device LA4628 Datasheet HTML 7Page - Sanyo Semicon Device LA4628 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : ENN6632
92900RM (OT) No. 6632-1/8
Overview
The LA4628 is a 2-channel general-purpose BTL audio
power amplifier provided in a miniature package. It was
designed for the best possible audio quality and features
an extended low band roll-off frequency provided by a
newly-developed NF circuit that does not require an
external capacitor. Furthermore, crosstalk, which can
cause muddiness in the audio output, has been
significantly reduced by both circuit and wiring pattern
improvements. Thus this amplifier can provide powerful
lows and clear highs.
Note that this device is pin compatible with the 13.5 W
×
2-channel LA4625, and allows end products differentiated
by their power rating to share the same printed circuit
board.
Features
• Total output: 20 W + 20 W (at VCC = 13.5 V, RL = 4 Ω,
THD = 10%)
• High-fidelity design (fL < 10 Hz, fH = 130 kHz)
• Extremely low impulse noise levels
• An arbitrary amplifier startup time can be set up with
external components.
• Full complement of built-in protection circuits (includes
circuits that protect against shorting to VCC, shorting to
ground, load shorting, overvoltages and excessive
temperatures)
Package Dimensions
unit: mm
3113A-SIP14HZ
27.0
20.0
0.5
1.94
14
1
0.4
1.6
2.2
4.0
1.78
3.56
3.56
SANYO: SIP14HZ
[LA4628]
LA4628
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Two-Channel 20 W BTL Audio Power Amplifier
Monolithic Linear IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Podobny numer części - LA4628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
logo
ON Semiconductor
LA4628 ONSEMI-LA4628 Datasheet
221Kb / 8P
   2-Channel BTL Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628_08 Datasheet
131Kb / 8P
   For General Audio 20W 2-Channel BTL Power Amplifier
More results

Podobny opis - LA4628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4663 SANYO-LA4663 Datasheet
113Kb / 10P
   Two-Channel 16-W BTL General-Purpose Audio Power Amplifier
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
Sanyo Semicon Device
LA4632 SANYO-LA4632 Datasheet
78Kb / 8P
   10 W Two-Channel BTL AF Power Amplifier for Audio Applications
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
AN7190NK PANASONIC-AN7190NK Datasheet
55Kb / 5P
   Dual 20 W BTL power amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com