Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4629 Arkusz danych(PDF) 3 Page - Sanyo Semicon Device

Numer części LA4629
Szczegółowy opis  Two-Channel Audio Frequency Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4629 Arkusz danych(HTML) 3 Page - Sanyo Semicon Device

  LA4629 Datasheet HTML 1Page - Sanyo Semicon Device LA4629 Datasheet HTML 2Page - Sanyo Semicon Device LA4629 Datasheet HTML 3Page - Sanyo Semicon Device LA4629 Datasheet HTML 4Page - Sanyo Semicon Device LA4629 Datasheet HTML 5Page - Sanyo Semicon Device LA4629 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LA4629
No.6502-3/6
Block Diagram
Pin Functions
1. Standby switch function (pin 6)
• If a microcontroller output signal is applied directly, insert a resistor in series
and adjust the current to a level optimal for the drive capability of the
microcontroller.
2. Input pins (pins 9 and 10)
The input pin voltage is about 2 VBE (1.4 V).
The input pin impedance is about 30 k
Ω.
• Although the recommended value for the input capacitor is 0.22
µF, the starting time can be modified by changing the
value of this capacitor. (The time from the point a voltage is applied to the standby pin to the point sound is emitted.)
Input capacitor
1.0
µF
2.2
µF
3.3
µF
4.7
µF
10
µF
Starting time (ts)
0.2 s
0.3 s
0.5 s
0.65 s
1.5 s
ILA00075
2 k
Rx
+
STBY
6
STBY pin applied voltage: 5 V
To hold the pin 6 inflow current to about 750
µA insert a resistor (Rx) of 4.7 kΩ
STBY pin applied voltage: 12 V
To hold the pin 6 inflow current to about 750
µA insert a resistor (Rx) of 14 kΩ (12 kΩ).
STBY pin applied voltage: Other value (Vx)
To hold the pin 6 inflow current to about 750
µA insert a resistor (Rx) of (Vx - 1.5 V)/750 µA.
Applied standby
voltage Vx
The inflowing current at an
applied voltage of 1.5 V, i.e.
the point when the amplifier
turns on, is approximately
750
µA.
ch1
Input
ch2
Input
PRE GND
ch1
Output
ch2
Output
POWER GND
STBY
P.P
Filter
VCC
ILA00076
9
6
12
10
8
7
3
5
2
1
ch2 input
amplifier
Standby SW
TSD protector
Pop noise prevention block
Ripple filter
ch1 input
amplifier
Output
amplifier
Output
amplifier
REF
amplifier
RNf1
Rf1
Rf2
RNf2


Podobny numer części - LA4629

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
LA4625 SANYO-LA4625 Datasheet
146Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
logo
ON Semiconductor
LA4625 ONSEMI-LA4625 Datasheet
234Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
May, 2013
LA4625-E ONSEMI-LA4625-E Datasheet
200Kb / 8P
   2-channel 13.5W BTL Audio Power Amplifier
Jan-2011, Rev. 0
More results

Podobny opis - LA4629

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA4627 SANYO-LA4627 Datasheet
64Kb / 6P
   Two-Channel Audio Frequency Power Amplifier
LA4620 SANYO-LA4620 Datasheet
243Kb / 8P
   Two- channel Audio Power Amplifier
STK412-170 SANYO-STK412-170 Datasheet
62Kb / 4P
   Two-Channel Shift Power Supply Audio Power Amplifier ICs
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1220 FAIRCHILD-KSA1220 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
logo
Sanyo Semicon Device
LA4625 SANYO-LA4625 Datasheet
99Kb / 8P
   Two-Channel 13.5 W BTL Audio Power Amplifier
logo
Fairchild Semiconductor
KSA1220AYS FAIRCHILD-KSA1220AYS Datasheet
82Kb / 5P
   Audio Frequency Power Amplifier High Frequency Power Amplifier
KSD794AYSTU FAIRCHILD-KSD794AYSTU Datasheet
57Kb / 5P
   Audio Frequency Power Amplifier
KSD985 FAIRCHILD-KSD985 Datasheet
50Kb / 5P
   Audio Frequency Power Amplifier
KSB772 FAIRCHILD-KSB772 Datasheet
76Kb / 5P
   Audio Frequency Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com