Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD200SC150A Arkusz danych(PDF) 1 Page - Sensitron

Numer części SD200SC150A
Szczegółowy opis  SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSITRON [Sensitron]
Strona internetowa  http://www.sensitron.com
Logo SENSITRON - Sensitron

SD200SC150A Arkusz danych(HTML) 1 Page - Sensitron

  SD200SC150A Datasheet HTML 1Page - Sensitron SD200SC150A Datasheet HTML 2Page - Sensitron SD200SC150A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SENSITRON
SEMICONDUCTOR
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SD200SC150A/B/C
Technical Data
Data Sheet 4026, Rev.-
SILICON SCHOTTKY RECTIFIER DIE
Ultra Low Reverse Leakage
200
°C Operating Temperature
Applications:
• Switching Power Supply • Converters • Free-Wheeling Diodes • Polarity Protection Diode
Features:
Ultra low Reverse Leakage Current
Soft Reverse Recovery at Low and High Temperature
Very Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Capacity
Guard Ring for Enhanced Durability and Long Term Reliability
Guaranteed Reverse Avalanche Characteristics
Electrically / Mechanically Stable during and after Packaging
Out Performs 150 Volt Ultrafast Rectifiers
Maximum Ratings
(1):
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
150
V
Max. Average Forward
Current
IF(AV)
50% duty cycle, rectangular
wave form
60
A
Max. Peak One Cycle Non-
Repetitive Surge Current
IFSM
8.3 ms, Sine pulse
(1)
860
A
Max. Junction Temperature
TJ
-
-65 to +200
°C
Max. Storage Temperature
Tstg
-
-65 to +200
°C
Electrical Characteristics
(1):
Characteristics
Symbol
Condition
Max.
Units
Max. Forward Voltage Drop
VF1
@ 60A, Pulse, TJ = 25 °C
0.87
V
VF2
@ 60A, Pulse, TJ = 125 °C
0.72
V
Max. Reverse Current
IR1
@VR = 150V, Pulse,
TJ = 25 °C
1.5
mA
IR2
@VR = 150V, Pulse,
TJ = 125 °C
24
mA
Max. Junction Capacitance
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz,
VSIG = 50mV (p-p)
1500
pF
(1) in SHD package


Podobny numer części - SD200SC150A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD200SC100A SENSITRON-SD200SC100A Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD200SC100B SENSITRON-SD200SC100B Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
SD200SC100C SENSITRON-SD200SC100C Datasheet
55Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop 200째C Operating Temperature
More results

Podobny opis - SD200SC150A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
SD275SC150A SENSITRON-SD275SC150A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD275SCU100A SENSITRON-SD275SCU100A Datasheet
46Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SD125SCU100A SENSITRON-SD125SCU100A Datasheet
184Kb / 3P
   SILICON SCHOTTKY RECTIFIER DIE Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126144 SENSITRON-SHD126144 Datasheet
65Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126434 SENSITRON-SHD126434 Datasheet
166Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126034 SENSITRON-SHD126034_08 Datasheet
57Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126436 SENSITRON-SHD126436_08 Datasheet
58Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
SHD126134 SENSITRON-SHD126134_08 Datasheet
59Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 200째C Operating Temperature
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com