Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA5620 Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA5620
Szczegółowy opis  Regulator for Multiple Power Supply Systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5620 Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA5620 Datasheet HTML 1Page - Sanyo Semicon Device LA5620 Datasheet HTML 2Page - Sanyo Semicon Device LA5620 Datasheet HTML 3Page - Sanyo Semicon Device LA5620 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[PH5 Regulator Block] VCC = 10 V, IPH5 = 1 A
Output voltage
VO PH5
4.75
5
5.25
V
Dropout voltage
VDROP PH5
0.5
1
V
Line regulation
∆VOLN PH5
VCC = 6.25 to 12 V
200
mV
Load regulation
∆VOLD PH5
IPH5 = 0.5 to 1 A
200
mV
Peak output current
IOP
1.0
1.4
A
Output shorted current
IOSC PH5
400
1000
mA
Current drain
IQ PH5
70
112
mA
[SYS3.3 Regulator Block] VCC = 10 V, ISYS3.3 = 150 mA
Output voltage
VO SYS3.3
3.13
3.3
3.47
V
Dropout voltage
VDROP SYS3.3
2
2.5
V
Line regulation
∆VOLN SYS3.3
VCC = 6.25 to 12 V
200
mV
Load regulation
∆VOLD SYS3.3
ISYS3.3 = 5 to 150 mA
200
mV
Peak output current
IOP SYS3.3
150
210
mA
Output shorted current
IOSC SYS3.3
200
450
mA
Current drain
IQ SYS3.3
17.5
28
mA
[ANA5 Regulator Block] VCC = 10 V, IANA5 = 100 mA
Output voltage
VO ANA5
4.75
5
5.25
V
Dropout voltage
VDROP ANA5
0.5
1
V
Line regulation
∆VOLN ANA5
VCC = 6.25 to 12 V
200
mV
Load regulation
∆VOLD ANA5
IANA5 = 5 to 100 mA
200
mV
Peak output current
IOP ANA5
100
140
mA
Output shorted current
IOSC ANA5
40
100
mA
Current drain
IQ ANA5
17.5
28
mA
[B.BAK Regulator Block] VCC = 10 V, IBAK = 40 mA
Output voltage
VO BAK
3.13
3.3
3.47
V
Dropout voltage
VDROP BAK
2
2.5
V
Line regulation
∆VOLN BAK
VCC = 6.25 to 12 V
200
mV
Load regulation
∆VOLD BAK
IBAK = 5 to 40 mA
200
mV
Peak output current
IOP BAK
40
56
mA
Output shorted current
IOSC BAK
40
120
mA
Current drain
IQ BAK
15
24
mA
BAK pin input current
IIN BAK
VCC = 0 V, VBAK = 3.3 V
100
nA
[P.DOWN Detection Circuit] VCC = 10 V
P.DOWN threshold voltage
VTH P.DOWN
3.0
3.16
3.32
V
P.DOWN residual voltage
Vsat P.DOWN
cd1 pin = shorted, P.DOWN pin = 1 mA
200
mV
P.DOWN delay time
Td1
cd1 = 1 µF
75
100
125
ms
[S.RESET Detection Circuit] VCC = 10 V
S.RESET residual voltage
VTH S.RESET
cd1 pin = shorted, S.RESET pin = 1 mA
200
mV
S.RESET delay time
Td2
cd2 = 1 µF
75
100
125
ms
[AC Detection Circuit] VCC = 10 V
AC threshold voltage
VTH AC
0.5
0.7
0.9
V
[STBY Detection Circuit] VCC = 10 V
STBY threshold voltage
VTH STBY
1.3
1.8
2.3
V
No. 5639-2/4
LA5620
Electrical Characteristics at Ta = 25°C


Podobny numer części - LA5620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
LA5621V SANYO-LA5621V Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
LA5623M SANYO-LA5623M Datasheet
50Kb / 4P
   Combination System Reset IC
LA5627W SANYO-LA5627W Datasheet
93Kb / 7P
   LA5627W
More results

Podobny opis - LA5620

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA5632 SANYO-LA5632 Datasheet
43Kb / 6P
   Multiple Power Supply System Regulator
logo
ON Semiconductor
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5696P ONSEMI-LV5696P Datasheet
313Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5685PV ONSEMI-LV5685PV Datasheet
691Kb / 29P
   System Power Supply IC for Automotive Infotainment Multiple-Output Linear Voltage Regulator
June, 2014
LV5695P ONSEMI-LV5695P_14 Datasheet
345Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
logo
Analog Devices
ADP3156 AD-ADP3156 Datasheet
186Kb / 12P
   Dual Power Supply Controller for Desktop Systems
REV. 0
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com