Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW22B Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BDW22B
Szczegółowy opis  Bipolar PNP Device in a Hermetically sealed TO3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW22B Arkusz danych(HTML) 1 Page - Seme LAB

  BDW22B Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW22B
Bipolar PNP Device.
V
CEO =
80V
I
C = 10A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
10
A
h
FE
@ 4/4 (V
CE / IC)
15
150
-
f
t
3M
Hz
P
D
90
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Podobny numer części - BDW22B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
BDW22 SEME-LAB-BDW22 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BDW22A SEME-LAB-BDW22A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
BDW22C SEME-LAB-BDW22C Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
More results

Podobny opis - BDW22B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N4903 SEME-LAB-2N4903 Datasheet
16Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N6051 SEME-LAB-2N6051 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N5875 SEME-LAB-2N5875 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N6469 SEME-LAB-2N6469 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
BDX88A SEME-LAB-BDX88A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N4905 SEME-LAB-2N4905 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N5876 SEME-LAB-2N5876 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
MJ4031 SEME-LAB-MJ4031 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
2N3791 SEME-LAB-2N3791 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
BDX18A SEME-LAB-BDX18A Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com