Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW25 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BDW25
Szczegółowy opis  Bipolar NPN Device in a Hermetically sealed TO66
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW25 Arkusz danych(HTML) 1 Page - Seme LAB

  BDW25 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW25
Bipolar NPN Device.
V
CEO =
130V
I
C = 5A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
130
V
I
C(CONT)
5
A
h
FE
@ 1.0/1.0 (V
CE / IC)
40
100
-
f
t
30M
Hz
P
D
25
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar NPN Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Podobny numer części - BDW25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
BDW25 SIEMENS-BDW25 Datasheet
234Kb / 7P
   NPN Silicon Planar Trnasistors
BDW25-10 SIEMENS-BDW25-10 Datasheet
234Kb / 7P
   NPN Silicon Planar Trnasistors
BDW25-4 SIEMENS-BDW25-4 Datasheet
234Kb / 7P
   NPN Silicon Planar Trnasistors
BDW25-6 SIEMENS-BDW25-6 Datasheet
234Kb / 7P
   NPN Silicon Planar Trnasistors
More results

Podobny opis - BDW25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N3585 SEME-LAB-2N3585 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5612 SEME-LAB-2N5612 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
MJ4032 SEME-LAB-MJ4032 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5429 SEME-LAB-2N5429 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6536 SEME-LAB-2N6536 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4232A SEME-LAB-2N4232A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N4233 SEME-LAB-2N4233 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6235X SEME-LAB-2N6235X Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
BUX67A SEME-LAB-BUX67A Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N6372 SEME-LAB-2N6372 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
2N5428 SEME-LAB-2N5428 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO66
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com