Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW51 Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BDW51
Szczegółowy opis  Bipolar NPN Device in a Hermetically sealed TO3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW51 Arkusz danych(HTML) 1 Page - Seme LAB

  BDW51 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW51
Bipolar NPN Device.
V
CEO =
45V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
45
V
I
C(CONT)
15
A
h
FE
@ 4/5 (V
CE / IC)
20
150
-
f
t
3M
Hz
P
D
125
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Podobny numer części - BDW51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
BDW51 CENTRAL-BDW51 Datasheet
53Kb / 1P
   Power Transistors
logo
Inchange Semiconductor ...
BDW51 ISC-BDW51 Datasheet
231Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BDW51 NJSEMI-BDW51 Datasheet
135Kb / 2P
   Silicon NPN Power Transistor
logo
Seme LAB
BDW51A SEME-LAB-BDW51A Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
logo
Central Semiconductor C...
BDW51A CENTRAL-BDW51A Datasheet
53Kb / 1P
   Power Transistors
More results

Podobny opis - BDW51

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2S034 SEME-LAB-2S034 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BU128 SEME-LAB-BU128 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BUP47 SEME-LAB-BUP47 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com