Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW83B Arkusz danych(PDF) 1 Page - Seme LAB

Numer części BDW83B
Szczegółowy opis  Bipolar NPN Device in a Hermetically sealed TO3
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEME-LAB [Seme LAB]
Strona internetowa  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW83B Arkusz danych(HTML) 1 Page - Seme LAB

  BDW83B Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW83B
Bipolar NPN Device.
V
CEO =
80V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
15
A
h
FE
@ 3/6 (V
CE / IC)
750
20000
-
f
t
1M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Podobny numer części - BDW83B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW83B POINN-BDW83B Datasheet
182Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW83B BOURNS-BDW83B Datasheet
120Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW83B SAVANTIC-BDW83B Datasheet
147Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BDW83B ISC-BDW83B Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDW83B COMSET-BDW83B Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
More results

Podobny opis - BDW83B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
2N5671 SEME-LAB-2N5671 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6274 SEME-LAB-2N6274 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6275 SEME-LAB-2N6275 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6546 SEME-LAB-2N6546 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2S034 SEME-LAB-2S034 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX67CECC SEME-LAB-BDX67CECC Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
2N6545 SEME-LAB-2N6545 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BDX87 SEME-LAB-BDX87 Datasheet
16Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BU128 SEME-LAB-BU128 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
BUP47 SEME-LAB-BUP47 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com