Zakładka z wyszukiwarką danych komponentów |
|
BDW83C Arkusz danych(PDF) 1 Page - Seme LAB |
|
BDW83C Arkusz danych(HTML) 1 Page - Seme LAB |
|
1 / 1 page BDW83C Bipolar NPN Device. V CEO = 100V I C = 15A All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications. Parameter Test Conditions Min. Typ. Max. Units V CEO* 100 V I C(CONT) 15 A h FE @ 3/6 (V CE / IC) 750 20000 - f t 1M Hz P D 150 W * Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk. Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use. Generated 31-Jul-02 TO3 (TO204AA) PINOUTS 1 – Base 2 – Emitter Case - Collector Bipolar NPN Device in a Hermetically sealed TO3 Metal Package. Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Dimensions in mm (inches). 12 3 (case) 25.15 (0.99) 26.67 (1.05) 10.67 (0.42) 11.18 (0.44) 3.84 (0.151) 4.09 (0.161) 7.92 (0.312) 12.70 (0.50) 6.35 (0.25) 9.15 (0.36) 1.52 (0.06) 3.43 (0.135) |
Podobny numer części - BDW83C |
|
Podobny opis - BDW83C |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |