Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS4473US Arkusz danych(PDF) 2 Page - Sensitron

Numer części SS4473US
Szczegółowy opis  Zener 1.5W DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SENSITRON [Sensitron]
Strona internetowa  http://www.sensitron.com
Logo SENSITRON - Sensitron

SS4473US Arkusz danych(HTML) 2 Page - Sensitron

  SS4473US Datasheet HTML 1Page - Sensitron SS4473US Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 221 West Industry Court
Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
• World Wide Web Site - http://www.sensitron.com • E-Mail Address - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 5079, Rev -
SS4464/US to SS4494/US
1N4478 thru 1N4494
PACKAGE
DIMENSIONS - INCHES ( MILLIMETERS)
STYLE
φB
φD
G
L
Similar to DO-41
(AXIAL)
.028/.032
0.71/0.81
.060/.085
1.52/2.16
.106/.160
2.69/4.06
.80/1.30
20.32/33.02
DISCLAIMER:
1- The information given herein, including the specifications and dimensions, is subject to change without prior not ice to improve product
characteristics. Before ordering, purchasers are advised to contact the Sensitron Semiconductor sales department for the latest version of the
datasheet(s).
2- In cases where extremely high reliability is required (such as use in nuclear power control, aerospace and aviation, traffic equipment,
medical equipment , and safety equipment) , safety should be ensured by using semiconductor devices that feature assured safety or by
means of users’ fail-safe precautions or other arrangement .
3- In no event shall Sensitron Semiconductor be liable for any damages that may result from an accident or any other cause during operation
of the user’s units according to the datasheet(s). Sensitron Semiconductor assumes no responsibility for any intellectual property claims or any
other problems that may result from applications of information, products or circuits described in the datasheets.
4- In no event shall Sensitron Semiconductor be liable for any failure in a semiconductor device or any secondary damage resulting from use
at a value exceeding the absolute maximum rating.
5- No license is granted by the datasheet(s) under any patents or other rights of any third party or Sensitron Semiconductor.
6- The datasheet(s) may not be reproduced or duplicated, in any form, in whole or part, without the expressed writ ten permission of Sensitron
Semiconductor.
7- The products (technologies) described in the datasheet(s) are not to be provided to any party whose purpose in their application will hinder
maintenance of international peace and safety nor are they to be applied to that purpose by their direct purchasers or any third party. When
exporting these products (technologies), the necessary procedures are to be taken in accordance with related laws and regulations.
1N4478U thru 1N4494U
PACKAGE
DIMENSIONS - INCHES ( MILLIMETERS)
STYLE
BL
BD
S
ECT
MELF
.168/.200
4.27/5.08
.091/.103
2.31/2.62
0.003 Min
0.08min
.019/.028
0.48/0.71


Podobny numer części - SS4473US

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Honeywell Solid State E...
SS440R HONEYWELL-SS440R Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
SS440R HONEYWELL-SS440R Datasheet
528Kb / 14P
   Magnetic Sensors Line Guide
logo
SEC Electronics Inc.
SS441 SECELECTRONICS-SS441 Datasheet
183Kb / 6P
   Unipolar Hall-Effect Digital Switch
logo
Honeywell Solid State E...
SS441A HONEYWELL-SS441A Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
SS441A HONEYWELL-SS441A Datasheet
394Kb / 7P
   Temperature Compensated Digital Hall-Effect Sensor ICs
April 2012
More results

Podobny opis - SS4473US

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
1N4464 SENSITRON-1N4464 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
1N4614-1 SENSITRON-1N4614-1 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
SS4614-1 SENSITRON-SS4614-1 Datasheet
73Kb / 2P
   Zener 1.5W DIODE
1N4106-1 SENSITRON-1N4106-1 Datasheet
84Kb / 3P
   Zener 1.5W DIODE
1N4478 SENSITRON-1N4478 Datasheet
114Kb / 3P
   Zener 1.5W DIODE
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
TAITRON Components Inco...
1N5913B TAITRON-1N5913B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Jinan Jing Heng Electro...
1N5921 JINGHENG-1N5921 Datasheet
70Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
BZX1-5C-200 JINGHENG-BZX1-5C-200 Datasheet
58Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
ZM1-5C3V3 JINGHENG-ZM1-5C3V3 Datasheet
69Kb / 2P
   1.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com